Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LT8920 Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

No. de pieza LT8920
Descripción Electrónicos  Long range 2.4GHz Radio Transceiver
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

LT8920 Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button LT8920 Datasheet HTML 31Page - List of Unclassifed Manufacturers LT8920 Datasheet HTML 32Page - List of Unclassifed Manufacturers LT8920 Datasheet HTML 33Page - List of Unclassifed Manufacturers LT8920 Datasheet HTML 34Page - List of Unclassifed Manufacturers LT8920 Datasheet HTML 35Page - List of Unclassifed Manufacturers LT8920 Datasheet HTML 36Page - List of Unclassifed Manufacturers LT8920 Datasheet HTML 37Page - List of Unclassifed Manufacturers LT8920 Datasheet HTML 38Page - List of Unclassifed Manufacturers LT8920 Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 51 page
background image
LT8920 Datasheet V1.1
Page 35
Jan. 2017
Figure 8. Example Tx packet flowchart
where FIFO and PKT flags are interrupt signals to MCU.
TX start
Write Reg 7 TX_EN=1
and select TX channel
Clear FIFO write point
Write transmit data to
FIFO
Enable PKT interrupt
FIFO_flag interrupt
Disable FIFO_flag
interrupt
More data to TX?
Write data to FIFO
Enable FIFO_flag
interrupt
RETI
PKT_flag interrupt
Disable PKT_flag
interrupt
RETI


Número de pieza similar - LT8920

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LETEX TECHNOLOGY CORP.
LT890 LETEX-LT890 Datasheet
102Kb / 3P
   Photo DMOS-FET Relay
LT891 LETEX-LT891 Datasheet
172Kb / 3P
   Photo DMOS-FET Relay
More results

Descripción similar - LT8920

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AUREL S.p.A.
650201347G AUREL-650201347G Datasheet
107Kb / 1P
   Half-duplex Long Range Transceiver 869 MHz Long Range GFSK Transceiver
15.10.2016 - Rev A
logo
Semtech Corporation
SX1272IMLTRT SEMTECH-SX1272IMLTRT Datasheet
4Mb / 129P
   Low Power Long Range Transceiver
SX1276IMLTRT SEMTECH-SX1276IMLTRT Datasheet
3Mb / 132P
   Low Power Long Range Transceiver
logo
HOPE Microelectronics C...
RF96 HOPE-RF96 Datasheet
2Mb / 121P
   Low Power Long Range Transceiver
logo
Dorji Industrial Group ...
DRF1276DM DORJI-DRF1276DM Datasheet
551Kb / 13P
   LORA Long Range SX1278 Data Radio Modem
DRF1278DM DORJI-DRF1278DM Datasheet
552Kb / 13P
   LORA Long Range SX1278 Data Radio Modem
DRF1278DX DORJI-DRF1278DX Datasheet
871Kb / 11P
   500mW Long Range Lora Data Radio Modem
logo
ATMEL Corporation
AT86RF215 ATMEL-AT86RF215 Datasheet
10Mb / 235P
   Sub-1GHz/2.4GHz Transceiver and I/Q Radio for
logo
Micro Linear Corporatio...
ML2712-1 MICRO-LINEAR-ML2712-1 Datasheet
174Kb / 2P
   2.4GHz FHSS Radio Chipset
logo
HOPE Microelectronics C...
RFM98PW HOPE-RFM98PW Datasheet
675Kb / 6P
   Enhanced Power Long Range Transceiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com