Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC100E195 Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza MC100E195
Descripción Electrónicos  PROGRAMMABLE DELAY CHIP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100E195 Datasheet(HTML) 1 Page - ON Semiconductor

  MC100E195 Datasheet HTML 1Page - ON Semiconductor MC100E195 Datasheet HTML 2Page - ON Semiconductor MC100E195 Datasheet HTML 3Page - ON Semiconductor MC100E195 Datasheet HTML 4Page - ON Semiconductor MC100E195 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by MC10E195/D
2–1
REV 3
© Motorola, Inc. 1999
04/99
Programmable Delay Chip
The MC10E/100E195 is a programmable delay chip (PDC) designed
primarily for clock de-skewing and timing adjustment. It provides variable
delay of a differential ECL input transition.
The delay section consists of a chain of gates organized as shown in
the logic symbol. The first two delay elements feature gates that have
been modified to have delays 1.25 and 1.5 times the basic gate delay of
approximately 80 ps. These two elements provide the E195 with a
digitally-selectable resolution of approximately 20 ps. The required
device delay is selected by the seven address inputs D[0:6], which are
latched on chip by a high signal on the latch enable (LEN) control.
Because the delay programmability of the E195 is achieved by purely
differential ECL gate delays the device will operate at frequencies of >1.0
GHz while maintaining over 600 mV of output swing.
The E195 thus offers very fine resolution, at very high frequencies, that
is selectable entirely from a digital input allowing for very accurate system
clock timing.
An eighth latched input, D7, is provided for cascading multiple PDC’s
for increased programmable range. The cascade logic allows full control
of multiple PDC’s, at the expense of only a single added line to the data
bus for each additional PDC, without the need for any external gating.
2.0ns Worst Case Delay Range
≈20ps/Delay Step Resolution
>1.0GHz Bandwidth
On Chip Cascade Circuitry
Extended 100E VEE Range of –4.2 to –5.46V
75KΩ Input Pulldown Resistors
PIN NAMES
Pin
Function
IN/IN
EN
D[0:7]
Q/Q
LEN
SET MIN
SET MAX
CASCADE
Signal Input
Input Enable
Mux Select Inputs
Signal Output
Latch Enable
Min Delay Set
Max Delay Set
Cascade Signal
1
LOGIC DIAGRAM – SIMPLIFIED
VBB
IN
IN
EN
LEN
SET MIN
SET MAX
1
1
0
1
0
1
0
1
0
1
0
1
0
1
0
11
1
1
0
1
Q
Q
CASCADE
CASCADE
CASCADE
7 BIT LATCH
LEN
Q
LATCH
D
4 GATES
8 GATES
16 GATES
* 1.25
* 1.5
D0
D1
D2
D3
D4
D5
D6
D7
* DELAYS ARE 25% OR 50% LONGER THAN
* STANDARD (STANDARD
≈ 80 PS)
MC10E195
MC100E195
PROGRAMMABLE
DELAY CHIP
FN SUFFIX
PLASTIC PACKAGE
CASE 776-02
D2
D3
D4
D5
D6
D7
NC
NC
NC
EN
NC
NC
VCC
VCCO
Q
Q
VCCO
D1
D0
LEN
VEE
IN
IN
VBB
25
24
23
22
21
20
19
26
27
28
1
2
3
4
18
17
16
15
14
13
12
56
7
8
9
10
11
Pinout:
28-Lead PLCC
(Top View)


Número de pieza similar - MC100E195

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC100E195 ONSEMI-MC100E195 Datasheet
150Kb / 11P
   5V ECL Programmable Delay Chip
November, 2006 ??Rev. 10
MC100E195FN ONSEMI-MC100E195FN Datasheet
150Kb / 11P
   5V ECL Programmable Delay Chip
November, 2006 ??Rev. 10
MC100E195FNG ONSEMI-MC100E195FNG Datasheet
150Kb / 11P
   5V ECL Programmable Delay Chip
November, 2006 ??Rev. 10
MC100E195FNG ONSEMI-MC100E195FNG Datasheet
183Kb / 11P
   5V ECL Programmable Delay Chip
July, 2016 ??Rev. 11
MC100E195FNR2 ONSEMI-MC100E195FNR2 Datasheet
150Kb / 11P
   5V ECL Programmable Delay Chip
November, 2006 ??Rev. 10
More results

Descripción similar - MC100E195

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micrel Semiconductor
SY10E195 MICREL-SY10E195 Datasheet
75Kb / 8P
   PROGRAMMABLE DELAY CHIP
SY10E195 MICREL-SY10E195_06 Datasheet
77Kb / 8P
   PROGRAMMABLE DELAY CHIP
logo
ON Semiconductor
MC10E196 ONSEMI-MC10E196 Datasheet
148Kb / 7P
   PROGRAMMABLE DELAY CHIP
1996 REV 2
MC10EP195 ONSEMI-MC10EP195_14 Datasheet
156Kb / 19P
   ECL Programmable Delay Chip
June, 2014 ??Rev. 19
MC100EP195B ONSEMI-MC100EP195B_14 Datasheet
147Kb / 17P
   3.3V ECL Programmable Delay Chip
June, 2014 ??Rev. 2
MC10EP195 ONSEMI-MC10EP195_06 Datasheet
220Kb / 20P
   3.3V ECL Programmable Delay Chip
December, 2006 ??Rev. 16
MC100EP195B ONSEMI-MC100EP195B Datasheet
189Kb / 17P
   3.3V ECL Programmable Delay Chip
September, 2008 ??Rev. 1
MC10E195 ONSEMI-MC10E195_16 Datasheet
183Kb / 11P
   5V ECL Programmable Delay Chip
July, 2016 ??Rev. 11
MC100EP195FA ONSEMI-MC100EP195FA Datasheet
127Kb / 20P
   3.3V ECL Programmable Delay Chip
October, 2004 ??Rev. 13
MC10E196 ONSEMI-MC10E196_06 Datasheet
158Kb / 12P
   5V ECL Programmable Delay Chip
November, 2006 ??Rev. 9
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com