Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC100E446 Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza MC100E446
Descripción Electrónicos  4-BIT PARALLEL/ SERIAL CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100E446 Datasheet(HTML) 1 Page - ON Semiconductor

  MC100E446 Datasheet HTML 1Page - ON Semiconductor MC100E446 Datasheet HTML 2Page - ON Semiconductor MC100E446 Datasheet HTML 3Page - ON Semiconductor MC100E446 Datasheet HTML 4Page - ON Semiconductor MC100E446 Datasheet HTML 5Page - ON Semiconductor MC100E446 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Pinout: 28-Lead PLCC (Top View)
NC
NC
MODE
D1
D0
VCCO
CL/4
CL/4
VCCO
CL/8
CL/8
VCCO
NC
NC
VCC
SOUT
SOUT
VCCO
NC
CLK
CLK
VBB
VEE
SIN
SIN
SYNC
18
17
16
15
14
13
12
19
20
21
22
23
24
25
11
10
9
8
7
6
5
26
27
28
1
2
3
4
D3
D2
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
2–1
REV 2
© Motorola, Inc. 1996
7/96
4Bit Parallel/Serial Converter
The MC10E/100E446 is an integrated 4-bit parallel to serial data
converter. The device is designed to operate for NRZ data rates of up to
1.3Gb/s. The chip generates a divide by 4 and a divide by 8 clock for both
4-bit conversion and a two chip 8-bit conversion function. The conversion
sequence was chosen to convert the parallel data into a serial stream
from bit D0 to D3. A serial input is provided to cascade two E446 devices
for 8 bit conversion applications. Note that the serial output data clocks off
of the negative input clock transition.
On Chip Clock ÷4 and ÷8
1.5 Gb/s Typical Data Rate Capability
Differential Clock and Serial Inputs
VBB Output for Single-ended Input Applications
Asynchronous Data Synchronization
Mode Select to Expand to 8 Bits
Internal 75kΩ Input Pulldown Resistors
Extended 100E VEE Range of -4.2V to -5.46V
The SYNC input will asynchronously reset the internal clock circuitry.
This pin allows the user to reset the internal clock conversion unit and
thus select the start of the conversion process.
The MODE input is used to select the conversion mode of the device.
With the MODE input LOW, or open, the device will function as a 4-bit
converter. When the mode input is driven HIGH the internal load clock will
change on every eighth clock cycle thus allowing for an 8-bit conversion scheme using two E446’s. When cascaded in an 8-bit
conversion scheme the devices will not operate at the 1.3Gb/s data rate of a single device. Refer to the applications section of
this data sheet for more information on cascading the E446.
For lower data rate applications a VBB reference voltage is supplied for single-ended inputs. When operating at clock rates
above 500MHz differential input signals are recommended. For single-ended inputs the VBB pin is tied to the inverting differential
input and bypassed via a 0.01
µF capacitor. The VBB provides the switching reference for the input differential amplifier. The VBB
can also be used to AC couple an input signal, for more information on AC coupling refer to the interfacing section of the design
guide in the ECLinPS
™ data book.
PIN NAMES
Pin
Function
SIN
D0 – D3
SOUT, SOUT
CLK, CLK
CL/4, CL/4
CL/8, CL/8
MODE
SYNC
Differential Serial Data Input
Parallel Data Inputs
Differential Serial Data Output
Differential Clock Inputs
Differential
÷4 Clock Output
Differential
÷8 Clock Output
Conversion Mode 4-Bit/8-Bit
Conversion Synchronizing Input
FUNCTION TABLES
Mode
Conversion
L
H
4-Bit
8-Bit
MC10E446
MC100E446
4-BIT PARALLEL/
SERIAL CONVERTER
FN SUFFIX
PLASTIC PACKAGE
CASE 776-02


Número de pieza similar - MC100E446

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC100E446 ONSEMI-MC100E446 Datasheet
147Kb / 12P
   5V ECL 4-Bit Parallel/Serial Converter
November, 2006 ??Rev. 8
MC100E446FN ONSEMI-MC100E446FN Datasheet
147Kb / 12P
   5V ECL 4-Bit Parallel/Serial Converter
November, 2006 ??Rev. 8
MC100E446FNG ONSEMI-MC100E446FNG Datasheet
147Kb / 12P
   5V ECL 4-Bit Parallel/Serial Converter
November, 2006 ??Rev. 8
MC100E446FNR2 ONSEMI-MC100E446FNR2 Datasheet
147Kb / 12P
   5V ECL 4-Bit Parallel/Serial Converter
November, 2006 ??Rev. 8
MC100E446FNR2G ONSEMI-MC100E446FNR2G Datasheet
147Kb / 12P
   5V ECL 4-Bit Parallel/Serial Converter
November, 2006 ??Rev. 8
More results

Descripción similar - MC100E446

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
SK10E445PJ SEMTECH-SK10E445PJ Datasheet
171Kb / 8P
   4-bit serial / parallel converter
logo
ON Semiconductor
MC10E445 ONSEMI-MC10E445 Datasheet
100Kb / 8P
   4-BIT SERIAL/ PARALLEL CONVERTER
1997 REV 3
logo
Micrel Semiconductor
SY10E445 MICREL-SY10E445 Datasheet
92Kb / 8P
   4-BIT SERIAL-to-PARALLEL CONVERTER
SY10E446 MICREL-SY10E446 Datasheet
85Kb / 9P
   4-BIT PARALLEL-TO-SERIAL CONVERTER
SY10E445 MICREL-SY10E445_06 Datasheet
83Kb / 8P
   4-BIT SERIAL-to-PARALLEL CONVERTER
SY10E446 MICREL-SY10E446_06 Datasheet
85Kb / 9P
   4-BIT PARALLEL-TO-SERIAL CONVERTER
logo
ON Semiconductor
MC10E446 ONSEMI-MC10E446_06 Datasheet
147Kb / 12P
   5V ECL 4-Bit Parallel/Serial Converter
November, 2006 ??Rev. 8
MC10E445 ONSEMI-MC10E445_06 Datasheet
156Kb / 13P
   5V ECL 4-Bit Serial/Parallel Converter
November, 2006 ??Rev. 12
MC10EP445 ONSEMI-MC10EP445_14 Datasheet
151Kb / 19P
   ECL 8-Bit Serial/Parallel Converter
June, 2014 ??Rev. 16
logo
New Japan Radio
NJU3754 NJRC-NJU3754 Datasheet
99Kb / 6P
   11-BIT PARALLEL TO SERIAL CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com