Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT1027WE-25TE13 Datasheet(PDF) 4 Page - Catalyst Semiconductor

No. de pieza CAT1027WE-25TE13
Descripción Electrónicos  Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1027WE-25TE13 Datasheet(HTML) 4 Page - Catalyst Semiconductor

  CAT1027WE-25TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT1027WE-25TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT1027WE-25TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT1027WE-25TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT1027WE-25TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT1027WE-25TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT1027WE-25TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT1027WE-25TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT1027WE-25TE13 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
CAT1026, CAT1027
Doc. No. 3010, Rev. K
ABSOLUTE MAXIMUM RATINGS
Temperature Under Bias ................. –55
°C to +125°C
Storage Temperature ....................... –65
°C to +150°C
Voltage on any Pin with
Respect to Ground(1) ........... –2.0 V to VCC + 2.0 V
VCC with Respect to Ground ............ –2.0 V to + 7.0 V
Package Power Dissipation
Capability (TA = 25
°C) .................................. 1.0 W
DC OPERATING CHARACTERISTICS
VCC = 3.0 V to 5.5 V and over the recommended temperature conditions unless otherwise specified.
Notes:
1.
VIL min and VIH max are reference values only and are not tested.
2.
This parameter is tested initially and after a design or process change that affects the parameter. Not 100% tested.
Lead Soldering Temperature (10 seconds) ...... 300
°C
Output Short Circuit Current(2) ........................ 100 mA
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage
to the device. These are stress ratings only, and functional operation of the device at these or
any other conditions outside of those listed in the operational sections of this specification is not
implied. Exposure to any absolute maximum rating for extended periods may affect device
performance and reliability.
Note:
(1)
The minimum DC input voltage is –0.5V. During transitions, inputs may undershoot to
-2.0V for periods of less than 20 ns. Maximum DC voltage on output pins is
VCC +0.5 V, which may overshoot to VCC +2.0V for periods of less than 20 ns.
(2)
Output shorted for no more than one second. No more than one output shorted at a
time.
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Ms
t
i
n
U
I
I
L
t
n
e
r
r
u
C
e
g
a
k
a
e
L
t
u
p
n
IV
N
I
c
c
V
o
t
D
N
G
=2
-0
1A
µ
I
O
L
t
n
e
r
r
u
C
e
g
a
k
a
e
L
t
u
p
t
u
OV
N
I
c
c
V
o
t
D
N
G
=0
1
-0
1A
µ
I
1
C
C
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P
)
e
t
i
r
W
(
f
L
C
S
z
H
k
0
0
4
=
V
C
C
V
5
.
5
=
3A
m
I
2
C
C
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P
)
d
a
e
R
(
f
L
C
S
z
H
k
0
0
4
=
V
C
C
V
5
.
5
=
1A
m
I
B
S
t
n
e
r
r
u
C
y
b
d
n
a
t
S
6
2
0
1
T
A
C
V
5
.
5
=
c
c
V
V
N
I
7
2
0
1
T
A
C
c
c
V
r
o
D
N
G
=
0
5
A
µ
0
6
V
L
I
)
1
(
e
g
a
t
l
o
V
w
o
L
t
u
p
n
I5
.
0
-c
c
V
x
3
.
0V
V
H
I
)
1
(
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
Ic
c
V
x
7
.
05
.
0
+
c
c
VV
V
L
O
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
O
,
A
D
S
(
,
T
E
S
E
R
V
W
O
L
)
I
L
O
A
m
3
=
V
C
C
V
7
.
2
=
4
.
0V
V
H
O
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
O
)
T
E
S
E
R
(
I
H
O
A
m
4
.
0
-
=
V
C
C
V
7
.
2
=
-
c
c
V
5
7
.
0
V
V
H
T
d
l
o
h
s
e
r
h
T
t
e
s
e
R
V
(
C
C
)
r
o
t
i
n
o
M
5
4
-
x
2
0
1
T
A
C
V
(
C
C
)
V
0
.
5
=
0
5
.
45
7
.
4
V
2
4
-
x
2
0
1
T
A
C
V
(
C
C
)
V
0
.
5
=
5
2
.
40
5
.
4
0
3
-
x
2
0
1
T
A
C
V
(
C
C
)
V
3
.
3
=
0
0
.
35
1
.
3
8
2
-
x
2
0
1
T
A
C
V
(
C
C
)
V
3
.
3
=
5
8
.
20
0
.
3
5
2
-
x
2
0
1
T
A
C
V
(
C
C
)
V
0
.
3
=
5
5
.
20
7
.
2
V
D
I
L
A
V
R
V
d
il
a
V
t
u
p
t
u
O
t
e
s
e
R
C
C
e
g
a
t
l
o
V
0
0
.
1V
V
T
R
)
2
(
s
i
s
e
r
e
t
s
y
H
d
l
o
h
s
e
r
h
T
t
e
s
e
R5
1V
m
V
F
E
R
r
o
t
i
n
o
M
e
g
a
t
l
o
V
y
r
a
il
i
x
u
A
d
l
o
h
s
e
r
h
T
2
.
15
2
.
13
.
1V


Número de pieza similar - CAT1027WE-25TE13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT1027WI-25 CATALYST-CAT1027WI-25 Datasheet
313Kb / 20P
   Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM
CAT1027WI-25-GT2 CATALYST-CAT1027WI-25-GT2 Datasheet
313Kb / 20P
   Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM
CAT1027WI-25-GT2 CATALYST-CAT1027WI-25-GT2 Datasheet
249Kb / 20P
   Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM
CAT1027WI-25-GT3 CATALYST-CAT1027WI-25-GT3 Datasheet
313Kb / 20P
   Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM
CAT1027WI-25-GT3 CATALYST-CAT1027WI-25-GT3 Datasheet
249Kb / 20P
   Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM
More results

Descripción similar - CAT1027WE-25TE13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT1026_0711 CATALYST-CAT1026_0711 Datasheet
249Kb / 20P
   Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM
CAT1026 CATALYST-CAT1026_07 Datasheet
313Kb / 20P
   Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM
logo
ON Semiconductor
CAT1021 ONSEMI-CAT1021_18 Datasheet
409Kb / 24P
   Supervisory Circuits with EEPROM Serial 2k-bit I2C
May, 2018 ??Rev. 19
CAT1026 ONSEMI-CAT1026 Datasheet
602Kb / 20P
   Dual Voltage Supervisory Circuits with I짼C Serial 2k-bit CMOS EEPROM
Doc. No. MD-3010 Rev. P
CAT1023WI-28 ONSEMI-CAT1023WI-28 Datasheet
200Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS
Doc. No. MD-3009 Rev. P
logo
Catalyst Semiconductor
CAT1024 CATALYST-CAT1024 Datasheet
140Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
CAT1024_0711 CATALYST-CAT1024_0711 Datasheet
228Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
logo
ON Semiconductor
CAT1025JI-28 ONSEMI-CAT1025JI-28 Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025WI-30-G ONSEMI-CAT1025WI-30-G Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025JI-30 ONSEMI-CAT1025JI-30 Datasheet
206Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com