Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CAT1320LI-25TSSOP Datasheet(PDF) 3 Page - Catalyst Semiconductor |
|
CAT1320LI-25TSSOP Datasheet(HTML) 3 Page - Catalyst Semiconductor |
3 / 18 page 3 Advance Information CAT1320, CAT1321 Doc No. 25085, Rev. 00 D.C. OPERATING CHARACTERISTICS VCC = +3.0V to +5.5V and over the recommended temperature conditions unless otherwise specified. Notes: 1. This parameter is tested initially and after a design or process change that affects the parameter. Not 100% tested. 2. VIL min and VIH max are reference values only and are not tested. ABSOLUTE MAXIMUM RATINGS Temperature Under Bias .................... -40 °C to +85°C Storage Temperature ........................ -65 °C to +105°C Voltage on any Pin with Respect to Ground(1) ............. -0.5V to +VCC +2.0V VCC with Respect to Ground ................ -0.5V to +7.0V Package Power Dissipation Capability (TA = 25 °C) ................................... 1.0W Lead Soldering Temperature (10 secs) ............ 300 °C Output Short Circuit Current(1) ........................ 100 mA Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this specification is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability. Note: (1) Output shorted for no more than one second. No more than one output shorted at a time. l o b m y Sr e t e m a r a Ps n o i t i d n o C t s e Tn i Mp y Tx a Ms t i n U I I L t n e r r u C e g a k a e L t u p n IV N I c c V o t D N G =2 -0 1A µ I O L t n e r r u C e g a k a e L t u p t u OV N I c c V o t D N G =0 1 -0 1A µ I 1 C C ) e t i r W ( t n e r r u C y l p p u S r e w o P f L C S z H k 0 0 4 = V C C V 5 . 5 = 3A m I 2 C C ) d a e R ( t n e r r u C y l p p u S r e w o P f L C S z H k 0 0 4 = V C C V 5 . 5 = 1A m I B S t n e r r u C y b d n a t S , V 5 . 5 = c c V V N I c c V r o D N G = 0 4A µ V L I 2 e g a t l o V w o L t u p n I5 . 0 -c c V x 3 . 0V V H I 2 e g a t l o V h g i H t u p n Ic c V x 7 . 05 . 0 + c c VV V L O e g a t l o V w o L t u p t u O , A D S ( T E S E R ) I L O A m 3 = V C C V 0 . 3 = 4 . 0V V H O e g a t l o V h g i H t u p t u O ) T E S E R ( I H O A m 4 . 0 - = V C C V 0 . 3 = - c c V 5 7 . 0 V V H T d l o h s e r h T t e s e R 5 4 - x 2 3 1 T A C V ( C C ) V 5 = 0 5 . 45 7 . 4 V 2 4 - x 2 3 1 T A C V ( C C ) V 5 = 5 2 . 40 5 . 4 0 3 - x 2 3 1 T A C V ( C C ) V 3 . 3 = 0 0 . 35 1 . 3 8 2 - x 2 3 1 T A C V ( C C ) V 3 . 3 = 5 8 . 20 0 . 3 5 2 - x 2 3 1 T A C V ( C C ) V 3 = 5 5 . 20 7 . 2 V D I L A V R 1 V d il a V t u p t u O t e s e R C C e g a t l o V0 0 . 1V V T R 1 s i s e r e t s y H d l o h s e r h T t e s e R5 1V m |
Número de pieza similar - CAT1320LI-25TSSOP |
|
Descripción similar - CAT1320LI-25TSSOP |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |