Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL5927IN Datasheet(PDF) 11 Page - Intersil Corporation

No. de pieza ISL5927IN
Descripción Electrónicos  Dual 14-Bit, 3.3V, 260MSPS, High Speed D/A Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5927IN Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL5927IN Datasheet HTML 5Page - Intersil Corporation ISL5927IN Datasheet HTML 6Page - Intersil Corporation ISL5927IN Datasheet HTML 7Page - Intersil Corporation ISL5927IN Datasheet HTML 8Page - Intersil Corporation ISL5927IN Datasheet HTML 9Page - Intersil Corporation ISL5927IN Datasheet HTML 10Page - Intersil Corporation ISL5927IN Datasheet HTML 11Page - Intersil Corporation ISL5927IN Datasheet HTML 12Page - Intersil Corporation ISL5927IN Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
lines, then 50
Ω termination resistors should be placed as
close to the converter inputs as possible connected to the
digital ground plane (if separate grounds are used). These
termination resistors are not likely needed as long as the
digital waveform source is within a few inches of the DAC.
For pattern drivers with very high speed edge rates, it is
recommended that the user consider series termination (50-
200
Ω) prior to the DAC’s inputs in order to reduce the
amount of noise.
Power Supply
Separate digital and analog power supplies are
recommended. The allowable supply range is +2.7V to
+3.6V. The recommended supply range is +3.0 to 3.6V
(nominally +3.3V) to maintain optimum SFDR. However,
operation down to +2.7V is possible with some degradation
in SFDR. Reducing the analog output current can help the
SFDR at +2.7V. The SFDR values stated in the table of
specifications were obtained with a +3.3V supply.
Ground Planes
Separate digital and analog ground planes should be used.
All of the digital functions of the device and their
corresponding components should be located over the
digital ground plane and terminated to the digital ground
plane. The same is true for the analog components and the
analog ground plane.
Noise Reduction
To minimize power supply noise, 0.1
µF capacitors should be
placed as close as possible to the converter’s power supply
pins, AVDD and DVDD. Also, the layout should be designed
using separate digital and analog ground planes and these
capacitors should be terminated to the digital ground for
DVDD and to the analog ground for AVDD. Additional
filtering of the power supplies on the board is recommended.
Voltage Reference
The internal voltage reference of the device has a nominal
value of +1.23V with a
±40ppm/°C drift coefficient over the
full temperature range of the converter. It is recommended
that a 0.1
µF capacitor be placed as close as possible to the
REFIO pin, connected to the analog ground. The REFLO pin
selects the reference. The internal reference can be selected
if REFLO is tied low (ground). If an external reference is
desired, then REFLO should be tied high (the analog supply
voltage) and the external reference driven into REFIO. The
full scale output current of the converter is a function of the
voltage reference used and the value of RSET. IOUT should
be within the 2mA to 22mA range, though operation below
2mA is possible, with performance degradation.
If the internal reference is used, VFSADJ will equal
approximately 1.2V. If an external reference is used, VFSADJ
will equal the external reference. The calculation for IOUT
(Full Scale) is:
IOUT(Full Scale) = (VFSADJ/RSET) X 32.
If the full scale output current is set to 20mA by using the
internal voltage reference (1.23V) and a 1.91k
Ω RSET
resistor, then the input coding to output current will resemble
the following:
Analog Output
IOUTA and IOUTB are complementary current outputs. The
sum of the two currents is always equal to the full scale
output current minus one LSB. If single ended use is
desired, a load resistor can be used to convert the output
current to a voltage. It is recommended that the unused
output be either grounded or equally terminated. The voltage
developed at the output must not violate the output voltage
compliance range of -1.0V to 1.25V. ROUT (the impedance
loading each current output) should be chosen so that the
desired output voltage is produced in conjunction with the
output full scale current. If a known line impedance is to be
driven, then the output load resistor should be chosen to
match this impedance. The output voltage equation is:
VOUT = IOUT X ROUT.
The most effective method for reducing the power
consumption is to reduce the analog output current, which
dominates the supply current. The maximum recommended
output current is 20mA.
Differential Output
IOUTA and IOUTB can be used in a differential-to-single-
ended arrangement to achieve better harmonic rejection.
With RDIFF = 50Ω and RLOAD = 50Ω, the circuit in Figure 13
will provide a 500mV (-2.5dBm) signal at the output of the
transformer if the full scale output current of the DAC is set
to 20mA (used for the electrical specifications table). Values
of RDIFF = 100Ω and RLOAD = 50Ω were used for the typical
performance curves to increase the output power and the
dynamic range. The center tap in Figure 13 must be
grounded.
In the circuit in Figure 14, the user is left with the option to
ground or float the center tap. The DC voltage that will exist
at either IOUTA or IOUTB if the center tap is floating is
IOUTDC x (RA//RB) V because RDIFF is DC shorted by the
transformer. If the center tap is grounded, the DC voltage is
0V. Recommended values for the circuit in Figure 14 are
RA = RB = 50Ω, RDIFF = 100Ω, assuming RLOAD = 50Ω.
The performance of Figure 13 and Figure 14 is basically the
same, however leaving the center tap of Figure 14 floating
allows the circuit to find a more balanced virtual ground,
TABLE 1. INPUT CODING vs OUTPUT CURRENT WITH
INTERNAL REFERENCE (1.23V TYP) AND
RSET = 1.91k
INPUT CODE (D13-D0)
IOUTA (mA)
IOUTB (mA)
11 1111 1111 1111
20.6
0
10 0000 0000 0000
10.3
10.3
00 0000 0000 0000
0
20.6
ISL5927


Número de pieza similar - ISL5927IN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL5927 INTERSIL-ISL5927 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
More results

Descripción similar - ISL5927IN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL5957 INTERSIL-ISL5957 Datasheet
630Kb / 13P
   14-Bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Renesas Technology Corp
ISL5957 RENESAS-ISL5957 Datasheet
963Kb / 14P
   14-Bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Intersil Corporation
ISL5957IBZ INTERSIL-ISL5957IBZ Datasheet
658Kb / 14P
   14-Bit, 3.3V, 260MSPS, High Speed D/A Converter
September 29, 2015
ISL5827 INTERSIL-ISL5827 Datasheet
666Kb / 13P
   Dual 12-bit, 3.3V, 260MSPS, High Speed D/A Converter
ISL5627 INTERSIL-ISL5627 Datasheet
468Kb / 12P
   Dual 8-bit, 3.3V, 260MSPS, High Speed D/A Converter
ISL5727 INTERSIL-ISL5727 Datasheet
672Kb / 13P
   Dual 10-bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Renesas Technology Corp
ISL5757 RENESAS-ISL5757 Datasheet
902Kb / 13P
   10-bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Intersil Corporation
ISL5857IBZ INTERSIL-ISL5857IBZ Datasheet
752Kb / 14P
   12-bit, 3.3V, 260MSPS, High Speed D/A Converter
October 7, 2015
ISL5757 INTERSIL-ISL5757 Datasheet
625Kb / 13P
   10-bit, 3.3V, 260MSPS, High Speed D/A Converter
ISL5857 INTERSIL-ISL5857 Datasheet
637Kb / 13P
   12-bit, 3.3V, 260MSPS, High Speed D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com