Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STD9N10-1 Datasheet(PDF) 4 Page - STMicroelectronics

No. de pieza STD9N10-1
Descripción Electrónicos  N-CHANNEL 100V - 0.23 ohm - 9A DPAK/IPAK POWER MOS TRANSISTOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD9N10-1 Datasheet(HTML) 4 Page - STMicroelectronics

  STD9N10-1 Datasheet HTML 1Page - STMicroelectronics STD9N10-1 Datasheet HTML 2Page - STMicroelectronics STD9N10-1 Datasheet HTML 3Page - STMicroelectronics STD9N10-1 Datasheet HTML 4Page - STMicroelectronics STD9N10-1 Datasheet HTML 5Page - STMicroelectronics STD9N10-1 Datasheet HTML 6Page - STMicroelectronics STD9N10-1 Datasheet HTML 7Page - STMicroelectronics STD9N10-1 Datasheet HTML 8Page - STMicroelectronics STD9N10-1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
STD9N10/STD9N10-1
4/12
Table 11. Source Drain Diode
Note: 1. Pulse width limited by safe operating area
2. Pulsed: Pulse duration = 300
µs, duty cycle 1.5 %
Figure 3. Safe Operating Area
Figure 4. Thermal Impedance
Figure 5. Derating Curve
Figure 6. Output Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain Current
9
A
ISDM
(1)
Source-drain Current
(pulsed)
36
A
VSD
(2)
Forward On Voltage
ISD = 9 A; VGS = 0
1.5
V
trr
Reverse Recovery Time
ISD = 9 A; di/dt = 100 A/µs
VDD = 20 V; Tj = 150 °C
(see test circuit, Figure 24)
80
ns
Qrr
Reverse RecoveryCharge
0.2
µC
IRRAM
Reverse RecoveryCurrent
5
A


Número de pieza similar - STD9N10-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
VBsemi Electronics Co.,...
STD9N10-1 VBSEMI-STD9N10-1 Datasheet
1Mb / 9P
   N-Channel 100-V (D-S) MOSFET
More results

Descripción similar - STD9N10-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STD9N10L STMICROELECTRONICS-STD9N10L Datasheet
66Kb / 6P
   N - CHANNEL 100V - 0.22ohm - 9A IPAK/DPAK POWER MOS TRANSISTOR
STD5NE10L STMICROELECTRONICS-STD5NE10L Datasheet
43Kb / 6P
   N - CHANNEL 100V - 0.3 ohm - 5A - DPAK/IPAK STripFET POWER MOSFET
logo
Intersil Corporation
BUZ72A INTERSIL-BUZ72A Datasheet
45Kb / 6P
   9A, 100V, 0.250 Ohm, N-Channel Power MOSFET
June 1999
logo
STMicroelectronics
STD6NF10 STMICROELECTRONICS-STD6NF10 Datasheet
266Kb / 9P
   N-CHANNEL 100V - 0.22 ohm - 6A IPAK/DPAK LOW GATE CHARGE STripFET??POWER MOSFET
STD16NE10 STMICROELECTRONICS-STD16NE10 Datasheet
88Kb / 9P
   N - CHANNEL 100V - 0.07ohm - 16A - IPAK/DPAK STripFET MOSFET
STD10NF10 STMICROELECTRONICS-STD10NF10 Datasheet
458Kb / 14P
   N-CHANNEL 100V - 0.115 ohm - 13A IPAK/DPAK LOW GATE CHARGE STripFET??II POWER MOSFET
STD20NF10 STMICROELECTRONICS-STD20NF10 Datasheet
303Kb / 9P
   N-CHANNEL 100V - 0.038 ohm - 25A IPAK/DPAK LOW GATE CHARGE STripFET??II POWER MOSFET
STS2NF100 STMICROELECTRONICS-STS2NF100 Datasheet
284Kb / 8P
   N-CHANNEL 100V - 0.23 ohm - 6A SO-8 STripFET??II POWER MOSFET
STD16NE10L STMICROELECTRONICS-STD16NE10L Datasheet
444Kb / 6P
   N - CHANNEL 100V - 0.07 ohm - 16A DPAK STripFET POWER MOSFET
May 2000
STD70NH02L STMICROELECTRONICS-STD70NH02L Datasheet
490Kb / 16P
   N-CHANNEL 24V - 0.0062 Ohm - 60A IPAK/DPAK STripFET II Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com