Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KMM5322104CKUG Datasheet(PDF) 1 Page - Samsung semiconductor

No. de pieza KMM5322104CKUG
Descripción Electrónicos  2M x 32 DRAM SIMM using 2Mx8 , 2K Refresh, 5V
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM5322104CKUG Datasheet(HTML) 1 Page - Samsung semiconductor

  KMM5322104CKUG Datasheet HTML 1Page - Samsung semiconductor KMM5322104CKUG Datasheet HTML 2Page - Samsung semiconductor KMM5322104CKUG Datasheet HTML 3Page - Samsung semiconductor KMM5322104CKUG Datasheet HTML 4Page - Samsung semiconductor KMM5322104CKUG Datasheet HTML 5Page - Samsung semiconductor KMM5322104CKUG Datasheet HTML 6Page - Samsung semiconductor KMM5322104CKUG Datasheet HTML 7Page - Samsung semiconductor KMM5322104CKUG Datasheet HTML 8Page - Samsung semiconductor KMM5322104CKUG Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
DRAM MODULE
KMM5322104CKU/CKUG
KMM5322104CKU/CKUG Fast Page Mode with Extended Data Out
2M x 32 DRAM SIMM using 2Mx8 , 2K Refresh, 5V
The Samsung KMM5322104CKU is a 2Mx32bits
Dynamic
RAM
high
density
memory
module.
The
Samsung
KMM5322104CKU consists of four CMOS 2Mx8bits DRAMs in
28-pin SOJ package mounted on a 72-pin glass-epoxy sub-
strate. A 0.1 or 0.22uF decoupling capacitor is mounted on the
printed circuit board for each DRAM. The KMM5322104CKU is
a Single In-line Memory Module with edge connections and is
intended for mounting into 72 pin edge connector sockets.
• Part Identification
- KMM5322104CKU(2048 cycles/32ms Ref, SOJ, Solder)
- KMM5322104CKUG(2048 cycles/32ms Ref, SOJ, Gold)
• Fast Page Mode with Extended Data Out
• CAS-before-RAS refresh capability
• RAS-only and Hidden refresh capability
• TTL compatible inputs and outputs
• Single +5V
±10% power supply
• JEDEC standard PDPin & pinout
• PCB : Height(1000mil), single sided component
GENERAL DESCRIPTION
FEATURES
PERFORMANCE RANGE
Speed
tRAC
tCAC
tRC
tHPC
-5
50ns
13ns
90ns
25ns
-6
60ns
15ns
110ns
30ns
PIN NAMES
Pin Name
Function
A0 - A10
Address Inputs
DQ0 - DQ31
Data In/Out
W
Read/Write Enable
RAS0
Row Address Strobe
CAS0 - CAS3
Column Address Strobe
PD1 -PD4
Presence Detect
Vcc
Power(+5V)
Vss
Ground
NC
No Connection
Res
Reserved Pin
PRESENCE DETECT PINS (Optional)
* Pin connection changing available
Pin
50NS
60NS
PD1
PD2
PD3
PD4
NC
NC
Vss
Vss
NC
NC
NC
NC
PIN CONFIGURATIONS
Pin
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
Symbol
VSS
DQ0
DQ18
DQ1
DQ19
DQ2
DQ20
DQ3
DQ21
Vcc
NC
A0
A1
A2
A3
A4
A5
A6
A10
DQ4
DQ22
DQ5
DQ23
DQ6
DQ24
DQ7
DQ25
A7
Res(A11)
Vcc
A8
A9
Res(RAS1)
RAS0
NC
NC
Pin
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
Symbol
NC
NC
Vss
CAS0
CAS2
CAS3
CAS1
RAS0
Res(RAS1)
NC
W
NC
DQ9
DQ27
DQ10
DQ28
DQ11
DQ29
DQ12
DQ30
DQ13
DQ31
Vcc
DQ32
DQ14
DQ33
DQ15
DQ34
DQ16
NC
PD1
PD2
PD3
PD4
NC
Vss
SAMSUNG ELECTRONICS CO., LTD. reserves the right to
change products and specifications without notice.


Número de pieza similar - KMM5322104CKUG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
KMM5322200C2W SAMSUNG-KMM5322200C2W Datasheet
280Kb / 17P
   2M x 32 DRAM SIMM using 1Mx16, 1K Refresh, 5V
KMM5322200C2WG SAMSUNG-KMM5322200C2WG Datasheet
280Kb / 17P
   2M x 32 DRAM SIMM using 1Mx16, 1K Refresh, 5V
KMM5322204C2W SAMSUNG-KMM5322204C2W Datasheet
287Kb / 17P
   2M x 32 DRAM SIMM using 1Mx16 , 1K Refresh, 5V
KMM5322204C2WG SAMSUNG-KMM5322204C2WG Datasheet
287Kb / 17P
   2M x 32 DRAM SIMM using 1Mx16 , 1K Refresh, 5V
More results

Descripción similar - KMM5322104CKUG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
KMM5322200C2W SAMSUNG-KMM5322200C2W Datasheet
280Kb / 17P
   2M x 32 DRAM SIMM using 1Mx16, 1K Refresh, 5V
KMM5322204C2W SAMSUNG-KMM5322204C2W Datasheet
287Kb / 17P
   2M x 32 DRAM SIMM using 1Mx16 , 1K Refresh, 5V
KMM372C213CK SAMSUNG-KMM372C213CK Datasheet
430Kb / 19P
   2M x 72 DRAM DIMM with ECC using 2Mx8, 2K Refresh, 5V
KMM5324004CK SAMSUNG-KMM5324004CK Datasheet
276Kb / 15P
   4M x 32 DRAM SIMM using 4Mx4, 4K/2K Refresh, 5V
KMM5328000CK SAMSUNG-KMM5328000CK Datasheet
271Kb / 15P
   8M x 32 DRAM SIMM using 4Mx4, 4K/2K Refresh, 5V
KMM5324000CK SAMSUNG-KMM5324000CK Datasheet
265Kb / 15P
   4M x 32 DRAM SIMM using 4Mx4, 4K/2K Refresh, 5V
KMM372F213CS SAMSUNG-KMM372F213CS Datasheet
455Kb / 20P
   2M x 72 DRAM DIMM with ECC using 2Mx8, 2K Refresh, 3.3V
KMM53232004BK SAMSUNG-KMM53232004BK Datasheet
420Kb / 19P
   32M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM5324000BSW SAMSUNG-KMM5324000BSW Datasheet
357Kb / 18P
   4M x 32 DRAM SIMM Using 4Mx16, 4K Refresh, 5V
KMM5324004CSW SAMSUNG-KMM5324004CSW Datasheet
435Kb / 21P
   4M x 32 DRAM SIMM Using 4Mx16, 4K Refresh, 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com