Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


ATL431LI_V02 Datasheet(Hoja de datos) 14 Page - Texas Instruments

No. de Pieza. ATL431LI_V02
Descripción  ATL431LI / ATL432LI High Bandwidth Low-Iq Programmable Shunt Regulator
Descarga  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

 14 page
background image
14
ATL431LI
ATL432LI
SLVSDU6D – JULY 2017 – REVISED NOVEMBER 2019
www.ti.com
Product Folder Links: ATL431LI ATL432LI
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
Typical Applications (continued)
11.2.1.1 Design Requirements
For this design example, use the parameters listed in Table 1 as the input parameters.
Table 1. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Input Voltage Range
0 V to 5 V
Input Resistance
10 kΩ
Supply Voltage
24 V
Cathode Current (Ik)
5 mA
Output Voltage Level
~2 V – VSUP
Logic Input Thresholds VIH/VIL
VL
11.2.1.2 Detailed Design Procedure
When using ATL431LI as a comparator with reference, determine the following:
Input Voltage Range
Reference Voltage Accuracy
Output logic input high and low level thresholds
Current Source resistance
11.2.1.2.1
Basic Operation
In the configuration shown in Figure 23 ATL431LI will behave as a comparator, comparing the VREF pin voltage
to the internal virtual reference voltage. When provided a proper cathode current (IK), ATL431LI will have enough
open loop gain to provide a quick response. This can be seen in Figure 24, where the RSUP=10 kΩ (IKA=500 µA)
situation responds much slower than RSUP=1 kΩ (IKA=5 mA). With the ATL431LI max Operating Current (IMIN)
being 0.08 mA, operation near that could result in low gain, leading to a slow response.
11.2.1.2.1.1
Overdrive
Slow or inaccurate responses can also occur when the reference pin is not provided enough overdrive voltage.
This is the amount of voltage that is higher than the internal virtual reference. The internal virtual reference
voltage will be within the range of 2.5 V ±(0.5% or 1.0%) depending on which version is being used. The more
overdrive voltage provided, the faster the ATL431LI will respond.
For applications where ATL431LI is being used as a comparator, it is best to set the trip point to greater than the
positive expected error (that is +1.0% for the A version). For fast response, setting the trip point to >10% of the
internal VREF should suffice.
For minimal voltage drop or difference from Vin to the ref pin, TI recommends to use an input resistor <10kΩ to
provide Iref.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl