Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


ATL431LI_V02 Datasheet(Hoja de datos) 18 Page - Texas Instruments

No. de Pieza. ATL431LI_V02
Descripción  ATL431LI / ATL432LI High Bandwidth Low-Iq Programmable Shunt Regulator
Descarga  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

 18 page
background image
Time (s)
-5E-6
-3E-6
-1E-6
1E-6
3E-6
5E-6
-6
-3
0
3
6
9
12
15
18
21
24
27
D001
Vsup
Vka=Vref
R1=10k: & R2=10k:
R1=38k: & R2=10k:
18
ATL431LI
ATL432LI
SLVSDU6D – JULY 2017 – REVISED NOVEMBER 2019
www.ti.com
Product Folder Links: ATL431LI ATL432LI
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
11.2.3.2.2
Total Accuracy
When programming the output above unity gain (VKA=VREF), ATL431LI is susceptible to other errors that may
effect the overall accuracy beyond VREF. These errors include:
R1 and R2 accuracies
VI(dev) - Change in reference voltage over temperature
ΔVREF / ΔVKA - Change in reference voltage to the change in cathode voltage
|zKA| - Dynamic impedance, causing a change in cathode voltage with cathode current
Worst case cathode voltage can be determined taking all of the variables in to account. Application note Setting
the Shunt Voltage on an Adjustable Shunt Regulator, SLVA445 assists designers in setting the shunt voltage to
achieve optimum accuracy for this device.
11.2.3.2.3
Stability
Though ATL431LI is stable with no capacitive load, the device that receives the shunt regulator's output voltage
could present a capacitive load that is within the ATL431LI region of stability, shown in Figure 13. Also, designers
may use capacitive loads to improve the transient response or for power supply decoupling. When using
additional capacitance between Cathode and Anode, see Figure 13. Also, application note Understanding
Stability Boundary Conditions Charts in TL431, TL432 Data Sheet, SLVA482 will provide a deeper understanding
of this devices stability characteristics and aid the user in making the right choices when choosing a load
capacitor.
11.2.3.2.4
Start-Up Time
As shown in Figure 27, ATL431LI has a fast response up to approximately 2 V and then slowly charges to its
programmed value. This is due to the compensation capacitance (shown in Figure 13) the ATL43xLIx has to
meet its stability criteria. Despite the secondary delay, ATL43xLIx still has a fast response suitable for many
clamp applications.
11.2.3.3 Application Curve
Figure 27. ATL43xLIx Start-Up Response




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl