Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


ATL431LI_V02 Datasheet(Hoja de datos) 21 Page - Texas Instruments

No. de Pieza. ATL431LI_V02
Descripción  ATL431LI / ATL432LI High Bandwidth Low-Iq Programmable Shunt Regulator
Descarga  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

 21 page
background image
VO
ATL43xLIx
VI(BATT)
R1
R2
V
O
1
R1
R2
V
ref
=
+
(
(
Copyright © 2017, Texas Instruments Incorporated
VO
ATL43xLIx
VI(BATT)
uA7805
IN
OUT
Common
R1
R2
V
O
1
R1
R2
V
ref
Minimum V
O
V
ref
5 V
=
+
=
+
(
(
Copyright © 2017, Texas Instruments Incorporated
R
(see Note A)
VO
ATL43xLIx
VI(BATT)
2N222
2N222
4.7 kΩ
R1
0.1%
R2
0.1%
0.01 µF
30 Ω
O
ref
R1
V
= 1 +
V
R2
æ
ö
ç
÷
è
ø
Copyright © 2017, Texas Instruments Incorporated
21
ATL431LI
ATL432LI
www.ti.com
SLVSDU6D – JULY 2017 – REVISED NOVEMBER 2019
Product Folder Links: ATL431LI ATL432LI
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
11.3 System Examples
A.
R should provide cathode current
≥ 0.08 mA to the ATL431LI at minimum V(BATT).
Figure 30. Precision High-Current Series Regulator
Figure 31. Output Control of a Three-Terminal Fixed Regulator
Figure 32. High-Current Shunt Regulator




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl