Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


ATL431LI_V02 Datasheet(Hoja de datos) 22 Page - Texas Instruments

No. de Pieza. ATL431LI_V02
Descripción  ATL431LI / ATL432LI High Bandwidth Low-Iq Programmable Shunt Regulator
Descarga  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

 22 page
background image
VO ≈5 V
ATL43xLIx
VI(BATT)
27.4 kΩ
0.1%
Rb
(see Note A)
27.4 kΩ
0.1%
Copyright © 2017, Texas Instruments Incorporated
VO ≈5 V, 1.5 A
ATL43xLIx
VI(BATT)
LM317
IN
OUT
Adjust
243 Ω
0.1%
243 Ω
0.1%
8.2 kΩ
Copyright © 2017, Texas Instruments Incorporated
VO
ATL43xLIx
VI(BATT)
R1
R2
C
(see Note A)
Copyright © 2017, Texas Instruments Incorporated
22
ATL431LI
ATL432LI
SLVSDU6D – JULY 2017 – REVISED NOVEMBER 2019
www.ti.com
Product Folder Links: ATL431LI ATL432LI
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
System Examples (continued)
A.
Refer to the stability boundary conditions in and Figure 13 to determine allowable values for C.
Figure 33. Crowbar Circuit
Figure 34. Precision 5-V, 1.5-A Regulator
A.
Rb should provide cathode current ≥0.08 mA to the ATL431LI.
Figure 35. Efficient 5-V Precision Regulator




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl