Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


ATL431LI_V02 Datasheet(Hoja de datos) 27 Page - Texas Instruments

No. de Pieza. ATL431LI_V02
Descripción  ATL431LI / ATL432LI High Bandwidth Low-Iq Programmable Shunt Regulator
Descarga  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

 
 27 page
background image
ATL431LI X X XXX X
Product
Operating Free-Air
Temperature
Package
Type
Package
Quantity
Initial
Accuracy
1: ATL431LI
2: ATL432LI*
B
: 0.5%
A
: 1%
DBZ
: SOT-23-3
DQN
: X2SON
I
: -40°C to 85°C
Q
: -40°C to 125°C
R
: Tape & Reel
*(Cathode and REF
pins are switched)
27
ATL431LI
ATL432LI
www.ti.com
SLVSDU6D – JULY 2017 – REVISED NOVEMBER 2019
Product Folder Links: ATL431LI ATL432LI
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
14 Device and Documentation Support
14.1 Documentation Support
14.1.1 Device Nomenclature
TI assigns suffixes and prefixes to differentiate all the combinations of the ATL43xLI family. More details and
possible orderable combinations are located in the Package Option Addendum.
14.1.2 Related Documentation
For related documentation see the following:
Understanding Stability Boundary Conditions Charts in TL431, TL432 Data Sheet, SLVA482
Setting the Shunt Voltage on an Adjustable Shunt Regulator, SLVA445
14.2 Related Links
The table below lists quick access links. Categories include technical documents, support and community
resources, tools and software, and quick access to order now.
Table 5. Related Links
PARTS
PRODUCT FOLDER
ORDER NOW
TECHNICAL
DOCUMENTS
TOOLS &
SOFTWARE
SUPPORT &
COMMUNITY
ATL431LI
Click here
Click here
Click here
Click here
Click here
ATL432LI
Click here
Click here
Click here
Click here
Click here
14.3 Receiving Notification of Documentation Updates
To receive notification of documentation updates, navigate to the device product folder on ti.com. In the upper
right corner, click on Alert me to register and receive a weekly digest of any product information that has
changed. For change details, review the revision history included in any revised document.
14.4 Community Resources
TI E2E™ support forums are an engineer's go-to source for fast, verified answers and design help — straight
from the experts. Search existing answers or ask your own question to get the quick design help you need.
Linked content is provided "AS IS" by the respective contributors. They do not constitute TI specifications and do
not necessarily reflect TI's views; see TI's Terms of Use.
14.5 Trademarks
E2E is a trademark of Texas Instruments.
All other trademarks are the property of their respective owners.
14.6 Electrostatic Discharge Caution
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl