Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


ATL431LI_V02 Datasheet(Hoja de datos) 6 Page - Texas Instruments

No. de Pieza. ATL431LI_V02
Descripción  ATL431LI / ATL432LI High Bandwidth Low-Iq Programmable Shunt Regulator
Descarga  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

 6 page
background image
Temperature (°C)
-50
-25
0
25
50
75
100
125
-0.8
-0.75
-0.7
-0.65
-0.6
-0.55
-0.5
-0.45
-0.4
-0.35
VKA = 3 V to 36 V
D006
TA - Free-Air Temperature - °C
-50
-25
0
25
50
75
100
125
0
0.008
0.016
0.024
0.032
0.04
0.048
0.056
0.064
VKA = 36 V
VREF = 0 V
D004
VKA - Cathode Voltage -V
0
0.5
1
1.5
2
2.5
3
-3
0
3
6
9
12
15
VKA = Vref
TA = 25°C
D003
VKA - Cathode Voltage - V
0
0.5
1
1.5
2
2.5
-50
-25
0
25
50
75
100
125
150
175
200
VKA = Vref
TA = 25°C
Imin
D004
TA - Free-Air Temperature - °C
-50
-25
0
25
50
75
100 125 150
2.49
2.4915
2.493
2.4945
2.496
2.4975
2.499
2.5005
2.502
2.5035
2.505
Vka = Vref
IKA = 1 mA
TA - Free-Air Temperature - °C
-50
-25
0
25
50
75
100
125
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
IKA = 1 mA
D002
6
ATL431LI
ATL432LI
SLVSDU6D – JULY 2017 – REVISED NOVEMBER 2019
www.ti.com
Product Folder Links: ATL431LI ATL432LI
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
8 Typical Characteristics
Data at high and low temperatures are applicable only within the recommended operating free-air temperature
ranges of the various devices.
Figure 1. Reference Voltage vs Free-Air Temperature
Figure 2. Reference Current vs Free-Air Temperature
Figure 3. Cathode Current vs Cathode Voltage
Figure 4. Cathode Current vs Cathode Voltage
Figure 5. Off-State Cathode Current
vs Free-Air Temperature
Figure 6. Ratio of Delta Reference Voltage to Delta Cathode
Voltage vs Free-Air Temperature




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl