Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ATL431LI Datasheet(PDF) 9 Page - Texas Instruments

No. de pieza ATL431LI
Descripción Electrónicos  ATL431LI / ATL432LI High Bandwidth Low-Iq Programmable Shunt Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ATL431LI Datasheet(HTML) 9 Page - Texas Instruments

Back Button ATL431LI_V02 Datasheet HTML 5Page - Texas Instruments ATL431LI_V02 Datasheet HTML 6Page - Texas Instruments ATL431LI_V02 Datasheet HTML 7Page - Texas Instruments ATL431LI_V02 Datasheet HTML 8Page - Texas Instruments ATL431LI_V02 Datasheet HTML 9Page - Texas Instruments ATL431LI_V02 Datasheet HTML 10Page - Texas Instruments ATL431LI_V02 Datasheet HTML 11Page - Texas Instruments ATL431LI_V02 Datasheet HTML 12Page - Texas Instruments ATL431LI_V02 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
Ioff
VKA
Input
Iref
IKA
VKA
Input
Vref
R1
R2
KA
ref
ref
R1
V
= V
1 +
+ I
× R1
R2
æ
ö
ç
÷
è
ø
Vref
Input
VKA
IKA
9
ATL431LI
ATL432LI
www.ti.com
SLVSDU6D – JULY 2017 – REVISED NOVEMBER 2019
Product Folder Links: ATL431LI ATL432LI
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
9 Parameter Measurement Information
Figure 17. Test Circuit for VKA = Vref
Figure 18. Test Circuit for VKA > Vref
Figure 19. Test Circuit for Ioff
9.1 Temperature Coefficient
The deviation of the reference voltage, Vref, over the full temperature range is known as VI(dev). The parameter of
VI(dev) can be used to find the temperature coefficient of the device. The average full-range temperature
coefficient of the reference input voltage, αVref, is defined as:
αVref is positive or negative, depending on whether minimum Vref or maximum Vref, respectively, occurs at the
lower temperature. The full-range temperature coefficient is an average and therefore any subsection of the rated
operating temperature range can yield a value that is greater or less than the average. For more details on
temperature coefficient, check out Voltage Reference Selection Basics.


Número de pieza similar - ATL431LI_V02

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ATL431LI TI1-ATL431LI_V01 Datasheet
1Mb / 37P
[Old version datasheet]   ATL431LI / ATL432LI High Bandwidth Low-Iq Programmable Shunt Regulator
ATL431LI TI1-ATL431LI_V03 Datasheet
1Mb / 42P
[Old version datasheet]   ATL431LI / ATL432LI High Bandwidth Low-Iq Programmable Shunt Regulator
More results

Descripción similar - ATL431LI_V02

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ATL431LI TI1-ATL431LI_V01 Datasheet
1Mb / 37P
[Old version datasheet]   ATL431LI / ATL432LI High Bandwidth Low-Iq Programmable Shunt Regulator
ATL431LI TI1-ATL431LI_V03 Datasheet
1Mb / 42P
[Old version datasheet]   ATL431LI / ATL432LI High Bandwidth Low-Iq Programmable Shunt Regulator
ATL431LI-Q1 TI1-ATL431LI-Q1_V01 Datasheet
806Kb / 35P
[Old version datasheet]   ATL431LI-Q1 / ATL432LI-Q1 High Bandwidth Low-IQ Programmable Shunt Regulator
ATL431LI TI1-ATL431LI Datasheet
764Kb / 32P
[Old version datasheet]   High Bandwidth Low-Iq Programmable Shunt Regulator
ATL431LI TI1-ATL431LI_18 Datasheet
764Kb / 32P
[Old version datasheet]   High Bandwidth Low-Iq Programmable Shunt Regulator
ATL431LI-Q1 TI1-ATL431LI-Q1 Datasheet
805Kb / 35P
[Old version datasheet]   High Bandwidth Low-IQ Programmable Shunt Regulator
ATL431 TI1-ATL431 Datasheet
1Mb / 26P
[Old version datasheet]   Low Iq Adjustable Precision Shunt Regulator
logo
Fairchild Semiconductor
LM336Z5 FAIRCHILD-LM336Z5 Datasheet
157Kb / 6P
   Programmable Shunt Regulator
LM431BIZX FAIRCHILD-LM431BIZX Datasheet
230Kb / 11P
   Programmable Shunt Regulator
LM431ACZX FAIRCHILD-LM431ACZX Datasheet
230Kb / 11P
   Programmable Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com