Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NBN8-18GM60-WO Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

No. de pieza NBN8-18GM60-WO
Descripción Electrónicos  Inductive sensor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PF [Pepperl+Fuchs Inc.]
Página de inicio  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

NBN8-18GM60-WO Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  NBN8-18GM60-WO Datasheet HTML 1Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
Inductive sensor
NBN8-18GM60-WO
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
S
Model Number
NBN8-18GM60-WO
Features
• 8 mm non-flush
•2-wire AC
Accessories
BF 18
Mounting flange, 18 mm
Technical Data
General specifications
Switching function
Normally closed (NC)
Output type
Two-wire
Rated operating distance
sn
8 mm
Installation
non-flush
Output polarity
AC
Assured operating distance
sa
0 ... 6.48 mm
Actual operating distance
sr
7.2 ... 8.8 mm typ. 8 mm
Reduction factor rAl
0.4
Reduction factor rCu
0.4
Reduction factor r304
0.7
Output type
2-wire
Nominal ratings
Operating voltage
UB
20 ... 253 V
Switching frequency
f
0 ... 20 Hz
Hysteresis
H
typ. 7.5 %
Reverse polarity protection
reverse polarity tolerant
Voltage drop
Ud
< 5 V (IL > 50 mA); < 8 V (IL < 50 mA)
Momentary current
(20 ms, 0.1 Hz)
0 ... 1600 mA
Operating current
IL
5 ... 200 mA
Off-state current
Ir
0 ... 1.7 mA typ.
Time delay before availability
tv
≤ 30 ms
Operating voltage indicator
LED, green
Switching state indicator
LED, yellow
Ambient conditions
Ambient temperature
-25 ... 70 °C (-13 ... 158 °F)
Mechanical specifications
Connection type
cable PVC , 2 m
Core cross-section
0.34 mm2
Housing material
brass, nickel-plated
Sensing face
PBT
Degree of protection
IP67
Note
1) In the temperature range below 0 °C, permissible operating
voltage Ub 80...253 V
Safety fuse ≤ 0.8 A (quick-blow) according to IEC 60127-2 Sheet 1
Recommendation: after a short circuit, check that the device is
functioning correctly.
Compliance with standards and
directives
Standard conformity
Standards
EN 60947-5-2:2007
IEC 60947-5-2:2007
Approvals and certificates
UL approval
cULus Listed, General Purpose
CSA approval
cCSAus Listed, General Purpose
CCC approval
Certified by China Compulsory Certification (CCC)
Dimensions
Electrical Connection
LEDs
M18 x 1
24
BN
L
N
BU
GN/YE


Número de pieza similar - NBN8-18GM60-WO

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pepperl+Fuchs Inc.
NBN8-18GM60-WO-10M PF-NBN8-18GM60-WO-10M Datasheet
158Kb / 1P
   Inductive sensor
NBN8-18GM60-WO-V12 PF-NBN8-18GM60-WO-V12 Datasheet
261Kb / 2P
   Inductive sensor
More results

Descripción similar - NBN8-18GM60-WO

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pepperl+Fuchs Inc.
NBB8-18GM50-E2-Y278765 PF-NBB8-18GM50-E2-Y278765 Datasheet
165Kb / 1P
   Inductive sensor
NBN8-12GM50-E2-V1-Y323749 PF-NBN8-12GM50-E2-V1-Y323749 Datasheet
211Kb / 2P
   Inductive sensor
NBN40-U1-E0-M PF-NBN40-U1-E0-M Datasheet
298Kb / 2P
   Inductive sensor
NBN40-U1-E3-M PF-NBN40-U1-E3-M Datasheet
296Kb / 2P
   Inductive sensor
NJ8-18GK-SN-50M PF-NJ8-18GK-SN-50M Datasheet
210Kb / 2P
   Inductive sensor
NBB15-30GM50-E0-M-Y242746 PF-NBB15-30GM50-E0-M-Y242746 Datasheet
260Kb / 2P
   Inductive sensor
NCB2-12GM60-B3-V1 PF-NCB2-12GM60-B3-V1 Datasheet
259Kb / 2P
   Inductive sensor
NCB5-18GM60-B3B-V1 PF-NCB5-18GM60-B3B-V1 Datasheet
292Kb / 3P
   Inductive sensor
NMB6-F104M-E2-FE-200MM-V3 PF-NMB6-F104M-E2-FE-200MM-V3 Datasheet
226Kb / 2P
   Inductive sensor
NJ2-12GM40-E PF-NJ2-12GM40-E Datasheet
134Kb / 1P
   Inductive sensor
NBB2-F29-A2-5M PF-NBB2-F29-A2-5M Datasheet
164Kb / 1P
   Inductive sensor
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com