Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


NBN10-F33-E2-M Datasheet(Hoja de datos) 2 Page - Pepperl+Fuchs Inc.

No. de Pieza. NBN10-F33-E2-M
Descripción  Inductive sensor
Descarga  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  PF [Pepperl+Fuchs Inc.]
Página de inicio  https://www.pepperl-fuchs.com/
Logo 

   
 2 page
background image
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Inductive sensor
NBN10-F33-E2-M
2
Electrical Connection
Installation Conditions
Installation Hint
BN
L+
L-
BK
BU
B
F
metal-free zone
sensing face
support
Emitted interference and interference immunity in
accordance with motor vehicle directive 2006/28/EG
(e1 Type approval)
Interference immunity in accordance with
DIN ISO 11452-2: 100 V/m
Frequency band 20 MHz up to 2 GHz
Mains-borne interference in accordance with ISO
7637-2: Pulse
1
2a
2b
3 a
3b
4
5
Severity level
III III
III
III
III
III
IV
Failure criterion
C
A
C
A
A
A
C
EN 61000-4-2:
CD: 8 kV /
AD: 15 kV
Severity level
IV
IV
EN 61000-4-3:
30 V/m (80...2500 MHz)
Severity level
IV
EN 61000-4-4:
2 kV
Severity level
III
EN 61000-4-6:
10 V (0.01...80 MHz)
Severity level
III
EN 55011:
Class A




Html Pages

1  2 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl