Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


DAC11001A_V01 Datasheet(Hoja de datos) 5 Page - Texas Instruments

No. de Pieza. DAC11001A_V01
Descripción  DACx1001 20-Bit, 18-Bit, and 16-Bit, Low-Noise, Ultra-Low Harmonic Distortion, Fast-Settling, High-Voltage Output, Digital-to-Analog Converters (DACs)
Descarga  42 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

 
 5 page
background image
5
DAC11001A, DAC91001, DAC81001
www.ti.com
SLASEL0 – OCTOBER 2019
Product Folder Links: DAC11001A DAC91001 DAC81001
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Positive supply voltage
AVDD to AGND
–0.3
7
V
VCC to VSS
–0.3
40
VCC to AGND
–0.3
40
Negative supply voltage
VSS to AGND
–19
0.3
V
Positive reference voltage
VREFPF to VREFNF
–0.3
40
V
VREFPF to VCC
–0.3
VCC + 0.3
VREFPF to AGND
–0.3
40
Negative reference voltage
VREFNF to AGND
–19
0.3
V
VREFNF to VSS
VSS – 0.3
0.3
Digital and IO power supply
DVDD, IOVDD to DGND
–0.3
7
V
Digital input(s) to DGND
DGND – 0.3
IOVDD + 0.3
V
VOUT, VRFB, VRCM, VROFS
to AGND (VSS = AGND)
VSS
VCC
V
to VSS
0
VCC
Alarm pin voltage, ALARM to DGND
–0.3
DVDD + 0.3
V
Digital output, SDO to DGND
–0.3
DVDD + 0.3
V
Current into any pin
–10
10
mA
TJ
Junction temperature
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
pins(1)
±1000
V
Charged device model (CDM), per JEDEC specification
JESD22-C101, all pins(2)
±250




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl