Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DACX1001 Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza DACX1001
Descripción Electrónicos  DACx1001 20-Bit, 18-Bit, and 16-Bit, Low-Noise, Ultra-Low Harmonic Distortion, Fast-Settling, High-Voltage Output, Digital-to-Analog Converters (DACs)
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

DACX1001 Datasheet(HTML) 4 Page - Texas Instruments

  DACX1001 Datasheet HTML 1Page - Texas Instruments DACX1001 Datasheet HTML 2Page - Texas Instruments DACX1001 Datasheet HTML 3Page - Texas Instruments DACX1001 Datasheet HTML 4Page - Texas Instruments DACX1001 Datasheet HTML 5Page - Texas Instruments DACX1001 Datasheet HTML 6Page - Texas Instruments DACX1001 Datasheet HTML 7Page - Texas Instruments DACX1001 Datasheet HTML 8Page - Texas Instruments DACX1001 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
4
DAC11001A, DAC91001, DAC81001
SLASEL0 – OCTOBER 2019
www.ti.com
Product Folder Links: DAC11001A DAC91001 DAC81001
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
AGND
2, 35, 38,
40, 42, 43,
46, 47
Analog
ground
Connect to 0 V.
AGND-OUT
8
Analog
ground
Connect to 0 V. Measure DAC output voltage with respect to this node.
AGND-TnH
14
Analog
ground
Connect to 0 V. Integrated deglitcher clock ground..
ALARM
19
Output
Alarm output
AVDD
39, 41
Power
Positive low voltage analog power supply
CLR
30
Input
DAC registers clear pin, active low
DGND
16, 17, 20,
21, 22, 23,
26
Digital
ground
Connect to 0 V.
DVDD
27
Power
Digital power supply pin
RFB
9
Input
Integrated precision resistor feedback node
IOVDD
28
Power
Interface power supply pin
LDAC
18
Input
Load DAC pin, active low
NC
1, 12, 13,
15, 24, 25,
29, 36, 37,
48
No connection, leave floating
OUT
7
Output
Unbuffered voltage output
RCM
11
Input
Integrated precision resistor common-mode node
REFNF
5
Input
External negative reference input. Connect to 0 V for unipolar DAC output.
REFNS
6
Input
External negative reference sense node
REFPF
3
Input
External positive reference input
REFPS
4
Input
External positive reference sense node
ROFS
10
Input
Integrated precision resistor offset node
SCLK
31
Input
Serial clock input of serial peripheral interface (SPI). Schmitt-trigger logic input.
Data are transferred at rates of up to 50 MHz.
SDIN
32
Input
Serial data input. Schmitt-trigger logic input.
Data are clocked into the input shift register on the falling edge of the serial clock input.
SDO
34
Output
Serial data output. Data are valid on the falling edge of SCLK.
SYNC
33
Input
SPI bus chip select input (active low). Data bits are not clocked into the serial shift register unless
SYNC is low. When SYNC is high, the SDO pin is in high-impedance status.
VCC
45
Power
Analog positive power supply
VSS
44
Power
Analog negative power supply


Número de pieza similar - DACX1001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DACX1001 TI1-DACX1001 Datasheet
592Kb / 41P
[Old version datasheet]   DACx1001 20-Bit, 18-Bit, and 16-Bit, Low-Noise, Ultra-Low Harmonic Distortion, Fast-Settling, High-Voltage Output, Digital-to-Analog Converters (DACs)
DACX1001 TI1-DACX1001 Datasheet
3Mb / 53P
[Old version datasheet]   DACx1001 20-Bit, 18-Bit, and 16-Bit, Low-Noise, Ultra-Low Harmonic Distortion, Fast-Settling, High-Voltage Output, Digital-to-Analog Converters (DACs)
DACX1001 TI1-DACX1001 Datasheet
3Mb / 54P
[Old version datasheet]   DACx1001 20-Bit, 18-Bit, and 16-Bit, Low-Noise, Ultra-Low Harmonic Distortion, Fast-Settling, High-Voltage Output, Digital-to-Analog Converters (DACs)
More results

Descripción similar - DACX1001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC11001A TI1-DAC11001A_V03 Datasheet
3Mb / 54P
[Old version datasheet]   DACx1001 20-Bit, 18-Bit, and 16-Bit, Low-Noise, Ultra-Low Harmonic Distortion, Fast-Settling, High-Voltage Output, Digital-to-Analog Converters (DACs)
DAC11001A TI1-DAC11001A Datasheet
592Kb / 41P
[Old version datasheet]   DACx1001 20-Bit, 18-Bit, and 16-Bit, Low-Noise, Ultra-Low Harmonic Distortion, Fast-Settling, High-Voltage Output, Digital-to-Analog Converters (DACs)
DAC11001A TI1-DAC11001A_V02 Datasheet
3Mb / 53P
[Old version datasheet]   DACx1001 20-Bit, 18-Bit, and 16-Bit, Low-Noise, Ultra-Low Harmonic Distortion, Fast-Settling, High-Voltage Output, Digital-to-Analog Converters (DACs)
DAC11001B TI-DAC11001B Datasheet
3Mb / 55P
[Old version datasheet]   DAC11001B 20-Bit, Low-Noise, Ultra-Low Harmonic Distortion, Fast-Settling, High-Voltage-Output, Digital-to-Analog Converter (DAC)
DECEMBER 2021
DAC8831ICDRG4 TI1-DAC8831ICDRG4 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
DAC8830-EP TI1-DAC8830-EP_16 Datasheet
1Mb / 32P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
DAC8830-EP TI1-DAC8830-EP Datasheet
921Kb / 32P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
logo
Burr-Brown (TI)
DAC8830 BURR-BROWN-DAC8830 Datasheet
936Kb / 29P
   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
logo
Texas Instruments
DAC8581 TI-DAC8581 Datasheet
507Kb / 14P
[Old version datasheet]   16-BIT, HIGH-SPEED, LOW-NOISE, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8581 TI1-DAC8581_16 Datasheet
1Mb / 20P
[Old version datasheet]   16-BIT, HIGH-SPEED, LOW-NOISE, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com