Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


DAC53401_V01 Datasheet(Hoja de datos) 28 Page - Texas Instruments

No. de Pieza. DAC53401_V01
Descripción  DACx3401 10-Bit and 8-Bit, Voltage-Output Digital-to-Analog Converters With Nonvolatile Memory and PMBus™ Compatible I2C Interface in Tiny 2 × 2 WSON
Descarga  43 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

 28 page
background image
28
DAC53401, DAC43401
SLASES7 – JULY 2019
www.ti.com
Product Folder Links: DAC53401 DAC43401
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Table 19. GENERAL_CONFIG Register Field Descriptions (continued)
BIT
FIELD
TYPE
RESET
DESCRIPTION
11 - 9
CODE_STEP
R/W
000
Code step for programmable slew rate control.
000: Code step size = 1 LSB (default)
001: Code step size = 2 LSB
010: Code step size = 3 LSB
011: Code step size = 4 LSB
100: Code step size = 6 LSB
101: Code step size = 8 LSB
110: Code step size = 16 LSB
111: Code step size = 32 LSB
8 - 5
SLEW_RATE
R/W
1111
Slew rate for programmable slew rate control.
0000: 25.6 µs (per step)
0001: 25.6 µs × 1.25 (per step)
0010: 25.6 µs × 1.50 (per step)
0011: 25.6 µs × 1.75 (per step)
0100: 204.8 µs (per step)
0101: 204.8 µs × 1.25 (per step)
0110: 204.8 µs × 1.50 (per step)
0111: 204.8 µs × 1.75 (per step)
1000: 1.6384 ms (per step)
1001: 1.6384 ms × 1.25 (per step)
1010: 1.6384 ms × 1.50 (per step)
1011: 1.6384 ms × 1.75 (per step)
1100: 12 µs (per step)
1101: 8 µs (per step)
1110: 4 µs (per step)
1111: No slew (default)
4 - 3
DAC_PDN
R/W
10
00: Power up
01: Power down to 10K
10: Power down to high impedance (default)
11: Power down to 10K
2
REF_EN
R/W
0
0: Internal reference disabled, VDD is DAC reference voltage,
DAC output range from 0 to VDD.
1: 0: Internal reference enabled, DAC reference = 1.21 V
1 - 0
DAC_SPAN
R/W
00
Only applicable when internal reference is enabled.
00: Reference to VOUT gain 1.5X
01: Reference to VOUT gain 2X
10: Reference to VOUT gain 3X
11: Reference to VOUT gain 4X




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl