Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


DAC53401_V01 Datasheet(Hoja de datos) 38 Page - Texas Instruments

No. de Pieza. DAC53401_V01
Descripción  DACx3401 10-Bit and 8-Bit, Voltage-Output Digital-to-Analog Converters With Nonvolatile Memory and PMBus™ Compatible I2C Interface in Tiny 2 × 2 WSON
Descarga  43 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

 38 page
background image
1
2
3
4
8
7
6
5
Decouplin g
Capacitor
GND
GND
VOUT
LDO bypass
capacitor
SCL
Pull-down
for A0
(Note: Gro und and Power plan es omitted for cla rity)
VDD
DACx340 1
VFB
SDA
Pull-up
for S CL
Pull-up
for S DA
38
DAC53401, DAC43401
SLASES7 – JULY 2019
www.ti.com
Product Folder Links: DAC53401 DAC43401
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
10 Power Supply Recommendations
The DACx3401 family of devices does not require specific supply sequencing. These devices require a single
power supply, VDD. Use a 0.1-µF decoupling capacitor for the VDD pin. Use a bypass capacitor with a value
greater than 1.5-µF for the CAP pin.
11 Layout
11.1 Layout Guidelines
The DACx3401 pin configuration separates the analog, digital, and power pins for an optimized layout. For signal
integrity, separate the digital and analog traces, and place decoupling capacitors close to the device pins.
11.2 Layout Example
Figure 21 shows an example layout drawing with decoupling capacitors and pullup resistors.
Figure 21. Layout Example




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl