Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


DAC53401_V01 Datasheet(Hoja de datos) 6 Page - Texas Instruments

No. de Pieza. DAC53401_V01
Descripción  DACx3401 10-Bit and 8-Bit, Voltage-Output Digital-to-Analog Converters With Nonvolatile Memory and PMBus™ Compatible I2C Interface in Tiny 2 × 2 WSON
Descarga  43 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

 6 page
background image
6
DAC53401, DAC43401
SLASES7 – JULY 2019
www.ti.com
Product Folder Links: DAC53401 DAC43401
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Electrical Characteristics (continued)
all minimum/maximum specifications at TA = –40°C to +125°C and typical specifications at TA = 25°C, 1.8 V ≤ VDD ≤ 5.5 V,
DAC reference tied to VDD, gain = 1x, DAC output pin (OUT) loaded with resistive load (RL = 5 kΩ to AGND) and capacitive
load (CL = 200 pF to AGND), and digital inputs at VDD or AGND (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ZO
VOUT + VFB dc output
impedance(2)
At startup, measured when DAC output is disabled
and held at VDD / 2 for VDD = 5.5 V
0.5
Power supply rejection ratio
(dc)
Internal VREF, gain = 2x, DAC at midscale;
VDD = 5 V ±10%
0.25
mV/V
DYNAMIC PERFORMANCE
tsett
Output voltage settling time
1/4 to 3/4 scale and 3/4 to 1/4 scale settling to
10%FSR, VDD = 5.5 V
10
µs
1/4 to 3/4 scale and 3/4 to 1/4 scale settling to
10%FSR, VDD = 5.5 V, internal VREF, gain = 4x
20
Slew rate
VDD = 5.5 V
1
V/µs
Power on glitch magnitude
At startup (DAC output disabled), RL = 5 kΩ, CL = 200
pF
110
mV
At startup (DAC output disabled), RL = 100 kΩ
400
Output enable glitch
magnitude
DAC output disabled to enabled (DAC registers at
zero scale, RL = 100 kΩ
400
mV
Vn
Output noise voltage (peak to
peak)
0.1 Hz to 10 Hz, DAC at midscale, VDD = 5.5 V
34
µVPP
Internal VREF, gain = 4x, 0.1 Hz to 10 Hz, DAC at
midscale, VDD = 5.5 V
70
Output noise density
Measured at 1 kHz, DAC at midscale, VDD = 5.5 V
0.2
µV/
√Hz
Internal VREF, gain = 4x,, measured at 1 kHz, DAC at
midscale, VDD = 5.5 V
0.7
Power supply rejection ratio
(ac)
Internal VREF, gain = 4x, 200-mV 50 or 60 Hz sine
wave superimposed on power supply voltage, DAC at
midscale
–71
dB
Code change glitch impulse
±1 LSB change around mid code (including
feedthrough)
10
nV-s
Code change glitch impulse
magnitude
±1 LSB change around mid code (including
feedthrough)
25
mV
EEPROM
Endurance
–40°C
≤ TA ≤ 85°C
20000
Cycles
1000
Data retention
TA = 25°C
50
Years
EEPROM programming write
cycle time(2)
5
10
15
ms
DIGITAL INPUTS
Digital feedthrough
DAC output static at midscale, fast+ mode, SCL
toggling
20
nV-s
Pin capacitance
Per pin
10
pF
POWER REQUIREMENTS
Load capacitor - CAP pin(2)
0.5
15
µF
IDD
Current flowing into VDD
Normal mode, DACs at full scale, digital pins static
0.5
0.8
mA
DAC power-down, internal reference power down
80
µA




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl