Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


DAC53401_V01 Datasheet(Hoja de datos) 8 Page - Texas Instruments

No. de Pieza. DAC53401_V01
Descripción  DACx3401 10-Bit and 8-Bit, Voltage-Output Digital-to-Analog Converters With Nonvolatile Memory and PMBus™ Compatible I2C Interface in Tiny 2 × 2 WSON
Descarga  43 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

 8 page
background image
SCL
SDA
P
S
tBUF
tHDSTA
tLOW
tR
tHDDAT
tHIGH
tF
tSUDAT
tSUSTA
tHDSTA
S
tSUSTO
P
Low byte ACK cycle
8
DAC53401, DAC43401
SLASES7 – JULY 2019
www.ti.com
Product Folder Links: DAC53401 DAC43401
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
7.8 Timing Requirements: I
2CTM Fast+ mode
all input signals are specified with tR = tF = 1 ns/V (VIL to VIH) and timed from a voltage level of (VIL + VIH) / 2, 1.8 V ≤ VDD
5.5 V, –40°C
≤ TA ≤ +125°C, Vpull-up = VDD for 1.8 V ≤ VDD ≤ 2.7 V, Vpull-up = 2.7 or VDD for 2.7 V ≤ VDD ≤ 5.5 V
MIN
NOM
MAX
UNIT
fSCLK
SCL frequency
1
MHz
tBUF
Bus free time between stop and start conditions
0.5
µs
tHDSTA
Hold time after repeated start
0.26
µs
tSUSTA
Repeated start setup time
0.26
µs
tSUSTO
Stop condition setup time
0.26
µs
tHDDAT
Data hold time
0
ns
tSUDAT
Data setup time
50
ns
tLOW
SCL clock low period
0.5
µs
tHIGH
SCL clock high period
0.26
µs
tF
Clock and data fall time
120
ns
tR
Clock and data rise time
120
ns
Figure 1. Timing Diagram




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl