Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC53401 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
No. de pieza DAC53401
Descripción Electrónicos  DACx3401 10-Bit and 8-Bit, Voltage-Output Digital-to-Analog Converters With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

DAC53401 Datasheet(HTML) 18 Page - Texas Instruments

Back Button DAC53401 Datasheet HTML 14Page - Texas Instruments DAC53401 Datasheet HTML 15Page - Texas Instruments DAC53401 Datasheet HTML 16Page - Texas Instruments DAC53401 Datasheet HTML 17Page - Texas Instruments DAC53401 Datasheet HTML 18Page - Texas Instruments DAC53401 Datasheet HTML 19Page - Texas Instruments DAC53401 Datasheet HTML 20Page - Texas Instruments DAC53401 Datasheet HTML 21Page - Texas Instruments DAC53401 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
18
DAC53401, DAC43401
SLASES7 – JULY 2019
www.ti.com
Product Folder Links: DAC53401 DAC43401
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8.4.4.3 High-Priority Alarm
The MED_ALARM_HP bit (address D2h) is used to trigger a medical high-priority alarm generation. The DAC
generates a continuous-alarm signal until this bit is set back to 0. After the bit is set to 0, the device does not
abruptly end the alarm generation; the device stops only after completing the ongoing burst.
8.4.4.4 Interburst Time
The INTERBURST_TIME bit (address D2h) is used set the time between two adjacent bursts. Table 7 lists the
INTERBURST_TIME settings.
Table 7. Interburst Time
REGISTER ADDRESS
AND NAME
INTERBURST_TIME[1:0]
HIGH PRIORITY ALARM
INTERBURST TIME
MEDIUM PRIORITY
ALARM INTERBURST
TIME
LOW PRIORITY ALARM
INTERBURST TIME
D2h,
MED_ALARM_CONFIG
00
2.55 s
2.60 s
16 s
01
2.96 s
3.06 s
10
3.38 s
3.52 s
11
3.80 s
4.00 s
8.4.4.5 Pulse Off Time
The PULSE_OFF_TIME bit (address D2h) is used to control the low period of trapezoid in a medical alarm
waveform. Table 8 lists the PULSE_OFF_TIME settings.
Table 8. Pulse Off Time
REGISTER ADDRESS
AND NAME
PULSE_OFF_TIME[1:0]
HIGH PRIORITY ALARM
PULSE OFF TIME
MEDIUM PRIORITY
ALARM PULSE OFF
TIME
LOW PRIORITY ALARM
PULSE OFF TIME
D2h,
MED_ALARM_CONFIG
00
15 ms
40 ms
40 ms
01
36 ms
60 ms
60 ms
10
58 ms
80 ms
80 ms
11
80 ms
100 ms
100 ms
8.4.4.6 Pulse On Time
The PULSE_ON_TIME bit (address D2h) controls the high period of trapezoid in a medical alarm waveform.
Table 9 lists the PULSE_ON_TIME settings.
Table 9. Pulse On Time
REGISTER ADDRESS
AND NAME
PULSE_ON_TIME[1:0]
HIGH PRIORITY ALARM
PULSE ON TIME
MEDIUM PRIORITY
ALARM PULSE ON TIME
LOW PRIORITY ALARM
PULSE ON TIME
D2h,
MED_ALARM_CONFIG
00
80 ms
130 ms
130 ms
01
103 ms
153 ms
153 ms
10
126 ms
176 ms
176 ms
11
150 ms
200 ms
200 ms


Número de pieza similar - DAC53401

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC53401 TI1-DAC53401 Datasheet
1Mb / 42P
[Old version datasheet]   DACx3401 10-Bit and 8-Bit, Voltage-Output Digital-to-Analog Converters With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
DAC53401 TI-DAC53401 Datasheet
3Mb / 53P
[Old version datasheet]   DACx3401-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
DAC53401 TI-DAC53401 Datasheet
3Mb / 53P
[Old version datasheet]   DACx3401-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
DAC53401-Q1 TI-DAC53401-Q1 Datasheet
3Mb / 53P
[Old version datasheet]   DACx3401-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
DAC53401-Q1 TI-DAC53401-Q1 Datasheet
3Mb / 53P
[Old version datasheet]   DACx3401-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
More results

Descripción similar - DAC53401

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC53401 TI1-DAC53401 Datasheet
1Mb / 42P
[Old version datasheet]   DACx3401 10-Bit and 8-Bit, Voltage-Output Digital-to-Analog Converters With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
DAC53401-Q1 TI-DAC53401-Q1_V01 Datasheet
3Mb / 53P
[Old version datasheet]   DACx3401-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
DAC53401-Q1 TI-DAC53401-Q1 Datasheet
3Mb / 53P
[Old version datasheet]   DACx3401-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
DAC53701 TI-DAC53701 Datasheet
3Mb / 59P
[Old version datasheet]   DACx3701 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface With GPI Control
DAC53701-Q1 TI-DAC53701-Q1 Datasheet
2Mb / 42P
[Old version datasheet]   DACx3701-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface With GPI Control
DAC53701-Q1 TI-DAC53701-Q1_V01 Datasheet
2Mb / 56P
[Old version datasheet]   DACx3701-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus™ Compatible I2C Interface With GPI Control
REVISED SEPTEMBER 2023
logo
Microchip Technology
MCP4706 MICROCHIP-MCP4706 Datasheet
15Mb / 86P
   8-/10-/12-Bit Voltage Output Digital-to-Analog Converter with EEPROM and I2C Interface
2011
MCP48FEBXX MICROCHIP-MCP48FEBXX Datasheet
1Mb / 92P
   8-/10-/12-Bit Single/Dual Voltage Output Nonvolatile Digital-to-Analog Converters with SPI Interface
07/14/15
logo
Texas Instruments
DAC53608 TI1-DAC53608 Datasheet
430Kb / 32P
[Old version datasheet]   Octal, 10-Bit or 8-Bit, I2C Interface, Buffered Voltage Output DACs in Tiny 3 횞 3 QFN Package
DAC63204 TI-DAC63204_V02 Datasheet
3Mb / 82P
[Old version datasheet]   DACx3204 12-Bit, 10-Bit, and 8-Bit, Quad Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus?? or SPI Interface
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com