Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC11001A Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
No. de pieza DAC11001A
Descripción Electrónicos  DACx1001 20-Bit, 18-Bit, and 16-Bit, Low-Noise, Ultra-Low Harmonic Distortion, Fast-Settling, High-Voltage Output, Digital-to-Analog Converters (DACs)
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

DAC11001A Datasheet(HTML) 24 Page - Texas Instruments

Back Button DAC11001A Datasheet HTML 20Page - Texas Instruments DAC11001A Datasheet HTML 21Page - Texas Instruments DAC11001A Datasheet HTML 22Page - Texas Instruments DAC11001A Datasheet HTML 23Page - Texas Instruments DAC11001A Datasheet HTML 24Page - Texas Instruments DAC11001A Datasheet HTML 25Page - Texas Instruments DAC11001A Datasheet HTML 26Page - Texas Instruments DAC11001A Datasheet HTML 27Page - Texas Instruments DAC11001A Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
24
DAC11001A, DAC91001, DAC81001
SLASEL0 – OCTOBER 2019
www.ti.com
Product Folder Links: DAC11001A DAC91001 DAC81001
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8.6.4 DAC-CLEAR-DATA Register (address = 03h) [reset = 800000h]
Figure 11. DAC-CLEAR-DATA Register Format
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Read/
Write
Address
DAC-CLEAR-DATA (8 bits, left justified)
R/W
W
R/W
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
000h
0h
W
W
Table 8. DAC-CLEAR-DATA Register Field Descriptions
Bit
Field
Type
Reset
Description
31
Read/Write
R/W
N/A
Read when set to 1 or write when set to 0
30:24
Address
W
N/A
03h
23:16
DAC-CLEAR-DATA
R/W
80h
Stores the 8-bit data to be loaded to DAC in left-justified,
straight-binary format. DAC data registers updated with this
value when CLR pin asserted low
15:0
000h
W
N/A
N/A
8.6.5 TRIGGER Register (address = 04h) [reset = 000000h]
Figure 12. TRIGGER Register Format
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Read/
Write
Address
00h
R/W/
W
W
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
00h
RCLTMP
0h
SRST
SCLR
0h
0h
W
R/W
W
R/W
R/W
W
W
Table 9. TRIGGER Register Field Descriptions
Bit
Field
Type
Reset
Description
31
Read/Write
R/W
N/A
Read when set to 1 or write when set to 0
30:24
Address
W
N/A
04h
23:9
0000h
W
N/A
Unused
8
RCLTMP
R/W
0h
Trigger temperature recalibration DAC Codes
0 : No temperature recalibration (default)
1 : DAC codes recalibrated, ALARM pin is pulled low (if
ENALMP = 1) and ALM bit (Address 05) is set 1 upon calibration
completion. Subsequent DAC codes will use latest calibrated
coefficients.
7
0h
W
N/A
NA
6
SRST
R/W
0h
Software reset
0 : No software reset (default)
1 : Software reset initiated, device in default state
5
SCLR
R/W
0h
Software clear
0 : No software clear (default)
1 : Software clear initiated, DAC registers in clear mode, DAC
code set by clear select register (address 03h). DAC output
clears on 32nd SCLK falling (DSDO = 1) or SYNC rising edge
(DSDO = 0)
4
0h
W
N/A
N/A
3:0
0h
W
N/A
N/A


Número de pieza similar - DAC11001A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC11001A TI1-DAC11001A Datasheet
592Kb / 41P
[Old version datasheet]   DACx1001 20-Bit, 18-Bit, and 16-Bit, Low-Noise, Ultra-Low Harmonic Distortion, Fast-Settling, High-Voltage Output, Digital-to-Analog Converters (DACs)
DAC11001A TI1-DAC11001A Datasheet
3Mb / 54P
[Old version datasheet]   DACx1001 20-Bit, 18-Bit, and 16-Bit, Low-Noise, Ultra-Low Harmonic Distortion, Fast-Settling, High-Voltage Output, Digital-to-Analog Converters (DACs)
DAC11001APFBR TI1-DAC11001APFBR Datasheet
3Mb / 53P
[Old version datasheet]   DACx1001 20-Bit, 18-Bit, and 16-Bit, Low-Noise, Ultra-Low Harmonic Distortion, Fast-Settling, High-Voltage Output, Digital-to-Analog Converters (DACs)
DAC11001APFBR TI1-DAC11001APFBR Datasheet
3Mb / 54P
[Old version datasheet]   DACx1001 20-Bit, 18-Bit, and 16-Bit, Low-Noise, Ultra-Low Harmonic Distortion, Fast-Settling, High-Voltage Output, Digital-to-Analog Converters (DACs)
DAC11001APFBT TI1-DAC11001APFBT Datasheet
3Mb / 53P
[Old version datasheet]   DACx1001 20-Bit, 18-Bit, and 16-Bit, Low-Noise, Ultra-Low Harmonic Distortion, Fast-Settling, High-Voltage Output, Digital-to-Analog Converters (DACs)
More results

Descripción similar - DAC11001A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC11001A TI1-DAC11001A_V03 Datasheet
3Mb / 54P
[Old version datasheet]   DACx1001 20-Bit, 18-Bit, and 16-Bit, Low-Noise, Ultra-Low Harmonic Distortion, Fast-Settling, High-Voltage Output, Digital-to-Analog Converters (DACs)
DAC11001A TI1-DAC11001A Datasheet
592Kb / 41P
[Old version datasheet]   DACx1001 20-Bit, 18-Bit, and 16-Bit, Low-Noise, Ultra-Low Harmonic Distortion, Fast-Settling, High-Voltage Output, Digital-to-Analog Converters (DACs)
DAC11001A TI1-DAC11001A_V02 Datasheet
3Mb / 53P
[Old version datasheet]   DACx1001 20-Bit, 18-Bit, and 16-Bit, Low-Noise, Ultra-Low Harmonic Distortion, Fast-Settling, High-Voltage Output, Digital-to-Analog Converters (DACs)
DAC11001B TI-DAC11001B Datasheet
3Mb / 55P
[Old version datasheet]   DAC11001B 20-Bit, Low-Noise, Ultra-Low Harmonic Distortion, Fast-Settling, High-Voltage-Output, Digital-to-Analog Converter (DAC)
DECEMBER 2021
DAC8831ICDRG4 TI1-DAC8831ICDRG4 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
DAC8830-EP TI1-DAC8830-EP_16 Datasheet
1Mb / 32P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
DAC8830-EP TI1-DAC8830-EP Datasheet
921Kb / 32P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
logo
Burr-Brown (TI)
DAC8830 BURR-BROWN-DAC8830 Datasheet
936Kb / 29P
   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
logo
Texas Instruments
DAC8581 TI-DAC8581 Datasheet
507Kb / 14P
[Old version datasheet]   16-BIT, HIGH-SPEED, LOW-NOISE, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8581 TI1-DAC8581_16 Datasheet
1Mb / 20P
[Old version datasheet]   16-BIT, HIGH-SPEED, LOW-NOISE, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com