Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC53401DSGR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza DAC53401DSGR
Descripción Electrónicos  DACx3401 10-Bit and 8-Bit, Voltage-Output Digital-to-Analog Converters With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

DAC53401DSGR Datasheet(HTML) 5 Page - Texas Instruments

  DAC53401DSGR Datasheet HTML 1Page - Texas Instruments DAC53401DSGR Datasheet HTML 2Page - Texas Instruments DAC53401DSGR Datasheet HTML 3Page - Texas Instruments DAC53401DSGR Datasheet HTML 4Page - Texas Instruments DAC53401DSGR Datasheet HTML 5Page - Texas Instruments DAC53401DSGR Datasheet HTML 6Page - Texas Instruments DAC53401DSGR Datasheet HTML 7Page - Texas Instruments DAC53401DSGR Datasheet HTML 8Page - Texas Instruments DAC53401DSGR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
5
DAC53401, DAC43401
www.ti.com
SLASES7 – JULY 2019
Product Folder Links: DAC53401 DAC43401
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
(1)
Measured with DAC output unloaded. For external reference between end-point codes: 8d to 1016d for 10-bit resolution, 2d to 254d for
8-bit resolution. For internal reference VDD ≥ 1.21 x gain + 0.2 V, between end-point codes: 4d to 1016d for 10-bit resolution, 1d to 251d
for 8-bit resolution.
(2)
Specified by design and characterization, not production tested.
7.5 Electrical Characteristics
all minimum/maximum specifications at TA = –40°C to +125°C and typical specifications at TA = 25°C, 1.8 V ≤ VDD ≤ 5.5 V,
DAC reference tied to VDD, gain = 1x, DAC output pin (OUT) loaded with resistive load (RL = 5 kΩ to AGND) and capacitive
load (CL = 200 pF to AGND), and digital inputs at VDD or AGND (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC PERFORMANCE
Resolution
DAC53401
10
Bits
DAC43401
8
INL
Relative accuracy(1)
–1
1
LSB
DNL
Differential nonlinearity(1)
–1
1
LSB
Zero code error
Code 0d into DAC
6
12
mV
Internal VREF, gain = 4x, VDD = 5.5 V
12
24
Zero code error temperature
coefficient
±20
µV/°C
Offset error(1)
–0.5
0.25
0.5
%FSR
Offset error temperature
coefficient(1)
±0.0003
%FSR/°C
Gain error(1)
–0.5
0.25
0.5
%FSR
Gain error temperature
coefficient(1)
±0.0008
%FSR/°C
Full scale error
2.7 V
≤ VDD ≤ 5.5 V, code 1023d into DAC,
no headroom
–0.5
0.25
0.5
%FSR
1.8 V
≤ VDD ≤ 2.7 V, code 1023d into DAC,
no headroom
–1
0.5
1
Full scale error temperature
coefficient
±0.0008
%FSR/°C
OUTPUT CHARACTERISTICS
Output voltage
Reference tied to VDD
0
5.5
V
CL
Capacitive load(2)
RL = Infinite, phase margin = 30°
1
nF
RL = 5 kΩ, phase margin = 30°
2
Load regulation
DAC at midscale, –10 mA
≤ IOUT ≤ 10 mA,
VDD = 5.5 V
1.5
mV/mA
Short circuit current
VDD = 1.8 V, full-scale output shorted to AGND or
zero-scale output shorted to VDD
10
mA
VDD = 2.7 V, full-scale output shorted to AGND or
zero-scale output shorted to VDD
25
VDD = 5.5 V, full-scale output shorted to AGND or
zero-scale output shorted to VDD
50
Output voltage headroom
To VDD (DAC output unloaded, internal reference =
1.21 V), VDD ≥ 1.21 ☓ gain + 0.2 V
0.2
V
To VDD
(DAC output unloaded, reference tied to VDD)
0.8
%FSR
To VDD (ILOAD = 10 mA at VDD = 5.5 V, ILOAD = 3 mA
at VDD = 2.7 V, ILOAD = 1 mA at VDD = 1.8 V), DAC
code = full scale
10
VOUT dc output impedance
DAC output enabled and DAC code = midscale
0.25
Ω
DAC output enabled and DAC code = 4d
0.25
DAC output enabled and DAC code = 1016d
0.26
VFB dc output impedance
DAC output enabled
160
200
240
DAC output enabled, internal VREF, gain = 4x
192
240
288


Número de pieza similar - DAC53401DSGR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC53401DSGRQ1 TI-DAC53401DSGRQ1 Datasheet
3Mb / 53P
[Old version datasheet]   DACx3401-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
DAC53401DSGRQ1 TI-DAC53401DSGRQ1 Datasheet
3Mb / 53P
[Old version datasheet]   DACx3401-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
More results

Descripción similar - DAC53401DSGR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC53401 TI1-DAC53401 Datasheet
1Mb / 42P
[Old version datasheet]   DACx3401 10-Bit and 8-Bit, Voltage-Output Digital-to-Analog Converters With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
DAC53401-Q1 TI-DAC53401-Q1_V01 Datasheet
3Mb / 53P
[Old version datasheet]   DACx3401-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
DAC53401-Q1 TI-DAC53401-Q1 Datasheet
3Mb / 53P
[Old version datasheet]   DACx3401-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface in Tiny 2 횞 2 WSON
DAC53701 TI-DAC53701 Datasheet
3Mb / 59P
[Old version datasheet]   DACx3701 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface With GPI Control
DAC53701-Q1 TI-DAC53701-Q1 Datasheet
2Mb / 42P
[Old version datasheet]   DACx3701-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface With GPI Control
DAC53701-Q1 TI-DAC53701-Q1_V01 Datasheet
2Mb / 56P
[Old version datasheet]   DACx3701-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus™ Compatible I2C Interface With GPI Control
REVISED SEPTEMBER 2023
logo
Microchip Technology
MCP4706 MICROCHIP-MCP4706 Datasheet
15Mb / 86P
   8-/10-/12-Bit Voltage Output Digital-to-Analog Converter with EEPROM and I2C Interface
2011
MCP48FEBXX MICROCHIP-MCP48FEBXX Datasheet
1Mb / 92P
   8-/10-/12-Bit Single/Dual Voltage Output Nonvolatile Digital-to-Analog Converters with SPI Interface
07/14/15
logo
Texas Instruments
DAC53608 TI1-DAC53608 Datasheet
430Kb / 32P
[Old version datasheet]   Octal, 10-Bit or 8-Bit, I2C Interface, Buffered Voltage Output DACs in Tiny 3 횞 3 QFN Package
DAC63204 TI-DAC63204_V02 Datasheet
3Mb / 82P
[Old version datasheet]   DACx3204 12-Bit, 10-Bit, and 8-Bit, Quad Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus?? or SPI Interface
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com