Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


DLPC900_V01 Datasheet(Hoja de datos) 27 Page - Texas Instruments

No. de Pieza. DLPC900_V01
Descripción  DLPC900 Digital Controller for Advanced Light Control
Descarga  83 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

 27 page
background image
MOSC
50%
20%
50%
50%
tc
tw(H)
tw(L)
tt
tt
80%
20%
80%
27
DLPC900
www.ti.com
DLPS037D – OCTOBER 2014 – REVISED MARCH 2019
Product Folder Links: DLPC900
Submit Documentation Feedback
Copyright © 2014–2019, Texas Instruments Incorporated
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER (1)
TEST CONDITIONS (2)
MIN
TYP
MAX
UNIT
ICC11
Supply voltage, 1.15-V core power
Normal mode
2368
mA
ICC18
Supply voltage, 1.8-V power (LVDS I/O and
internal DRAM)
Normal mode
1005
mA
ICC33
Supply voltage, 3.3-V I/O power
Normal mode
33
mA
ICC11_PLLD
Supply voltage, DMD PLL digital power (1.15 V)
Normal mode
4.4
6.2
mA
ICC11_PLLM1
Supply voltage, master-LS clock generator PLL
digital power (1.15 V)
Normal mode
4.4
6.2
mA
ICC11_PLLM2
Supply voltage, master-HS clock generator PLL
digital power (1.15 V)
Normal mode
4.4
6.2
mA
ICC18_PLLD
Supply voltage, DMD PLL analog power (1.8 V)
Normal mode
8
10.2
mA
ICC18_PLLM1
Supply voltage, master-LS clock generator PLL
analog power (1.8 V)
Normal mode
8
10.2
mA
ICC18_PLLM2
Supply voltage, master-HS clock generator PLL
analog power (1.8 V)
Normal mode
8
10.2
mA
ICC11_PLLS
Supply voltage, video-2X PLL analog power
(1.15 V)
Normal mode
2.9
mA
Total Power in Normal Mode
4.76
W
(1)
Applies only when driven through an external digital oscillator. The MOSC input cannot support spread spectrum clock spreading.
(2)
Including impact to accuracy due to aging, temperature, and trim sensitivity.
6.6 System Oscillators Timing Requirements
(1)
MIN
MAX
UNIT
ƒclock
Clock frequency, MOSC1
Stability and Tolerance. Crystal frequency 20 MHz. (2)
19.998
100
20.002
100
MHz
ppm
tc
Cycle time, MOSC1
49.995
50.005
ns
tw(H)
Pulse duration2, MOSC, high
50% to 50% reference points
(signal)
20
ns
tw(L)
Pulse duration2, MOSC, low
50% to 50% reference points
(signal)
20
ns
tt
Transition time2, MOSC, tt = tƒ / tr
20% to 80% reference points
(signal)
12
ns
tjp
Period jitter2, MOSC
(The deviation in period from ideal period due solely to high-frequency jitter – not spread
spectrum clocking)
18
ps
Figure 1. System Oscillators




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl