Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


DLPC900_V01 Datasheet(Hoja de datos) 31 Page - Texas Instruments

No. de Pieza. DLPC900_V01
Descripción  DLPC900 Digital Controller for Advanced Light Control
Descarga  83 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

 31 page
background image
tc
tw(H)
tsu
TCK
(input)
Valid
TDI
TMS1
(inputs)
50%
20%
50%
Valid
TDO1
(outputs)
50%
tw(L)
tt
th
tpd(max)
80%
31
DLPC900
www.ti.com
DLPS037D – OCTOBER 2014 – REVISED MARCH 2019
Product Folder Links: DLPC900
Submit Documentation Feedback
Copyright © 2014–2019, Texas Instruments Incorporated
6.8 JTAG Interface: I/O Boundary Scan Application Timing Requirements
MIN
MAX
UNIT
ƒclock
Clock frequency, TCK
10
MHz
tc
Cycle time, TCK
100
ns
tw(H)
Pulse duration, high
50% to 50% reference points (signal)
40
ns
tw(L)
Pulse duration, low
50% to 50% reference points (signal)
40
ns
tt
Transition time, tt = tf / tr
20% to 80% reference points (signal)
5
ns
tsu
Setup time, TDI valid before TCK
8
ns
th
Hold time, TDI valid after TCK
2
ns
tsu
Setup time, TMS1 valid before TCK
8
ns
th
Hold time, TMS1 valid after TCK
2
ns
6.9 JTAG Interface: I/O Boundary Scan Application Switching Characteristics
Switching characteristics over recommended operating conditions, CL (min timing) = 5 pF, CL (max timing) = 85 pF (unless
otherwise noted)
PARAMETER
FROM (INPUT)
TO (OUTPUT)
MIN
MAX
UNIT
tpd
Output propagation, clock to Q
TCK
TDO1
3
12
ns
Figure 6. I/O Boundary Scan




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl