Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


DLPC900_V01 Datasheet(Hoja de datos) 48 Page - Texas Instruments

No. de Pieza. DLPC900_V01
Descripción  DLPC900 Digital Controller for Advanced Light Control
Descarga  83 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

 48 page
background image
4
Mbit
4
Mbit
4
Mbit
16
Mbit
8
Mbit
8
Mbit
16
Mbit
32
Mbit
8
Mbit
16
Mbit
64
Mbit
16
Mbit
32
Mbit
48
DLPC900
DLPS037D – OCTOBER 2014 – REVISED MARCH 2019
www.ti.com
Product Folder Links: DLPC900
Submit Documentation Feedback
Copyright © 2014–2019, Texas Instruments Incorporated
7.3.5.6 Minimizing Board Space
Figure 27 shows how to minimize board space by selecting the next larger density of flash memory. For
example, if two 4-Mbit flash components are needed, then selecting one 8-Mbit flash component should be
considered. This will save board space because only one component takes up space on the board rather than
two components.
Figure 27. Selecting Next Larger Density for Board Space Savings
When calculating the appropriate amount of memory to use, do not mix densities to come up with the exact
amount of memory that is calculated. Always use the same densities of flash memory even if it exceeds the
amount of memory that is calculated.
7.3.5.7 Flash Memory
Flash changes will require a change to the flash parameters file. This file should be changed to match the flash
device info for the selected device including the sector mapping of the device.
The following is a list of flash memory that was used and tested on the DLP LightCrafter 6500 and the DLP
LightCrafter 9000. The reader should consult the datasheet for alternate package types that may exist for each of
the components listed. There may be other flash memory that can be substituted, and the reader should consult
the datasheets to ensure compatibility.
Micron
JR28F032M29EWHF
JS28F064M29EWHF
JS28F128M29EWHF
MT28EW256ABA1LJS 1
MT28EW512ABA1LJS 1
Spansion
S29GL032N90TFI01
S29GL064N90TFI01
S29GL128P90TFI01
S29GL256P90TFI02 1
S29GL512P90TFI02 1
1 These flash components must have uniform sectors, where each sector is 128 kBytes in size




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl