Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


DLPC900_V01 Datasheet(Hoja de datos) 79 Page - Texas Instruments

No. de Pieza. DLPC900_V01
Descripción  DLPC900 Digital Controller for Advanced Light Control
Descarga  83 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

 
 79 page
background image
79
DLPC900
www.ti.com
DLPS037D – OCTOBER 2014 – REVISED MARCH 2019
Product Folder Links: DLPC900
Submit Documentation Feedback
Copyright © 2014–2019, Texas Instruments Incorporated
11.1.3 DEFINITIONS - Video Timing Parameters
Active Lines Per Frame (ALPF) Defines the number of lines in a frame containing displayable data: ALPF is a
subset of the TLPF.
Active Pixels Per Line (APPL) Defines the number of pixel clocks in a line containing displayable data: APPL
is a subset of the TPPL.
Horizontal Back Porch (HBP) Blanking Number of blank pixel clocks after horizontal sync but before the first
active pixel. Note: HBP times are reference to the leading (active) edge of the respective sync
signal.
Horizontal Front Porch (HFP) Blanking Number of blank pixel clocks after the last active pixel but before
Horizontal Sync.
Horizontal Sync (HS) Timing reference point that defines the start of each horizontal interval (line). The
absolute reference point is defined by the active edge of the HS signal. The active edge (either
rising or falling edge as defined by the source) is the reference from which all horizontal blanking
parameters are measured.
Total Lines Per Frame (TLPF) Defines the vertical period (or frame time) in lines: TLPF = Total number of lines
per frame (active and inactive).
Total Pixel Per Line (TPPL) Defines the horizontal line period in pixel clocks: TPPL = Total number of pixel
clocks per line (active and inactive).
Vertical Back Porch (VBP) Blanking Number of blank lines after vertical sync but before the first active line.
Vertical Front Porch (VFP) Blanking Number of blank lines after the last active line but before vertical sync.
Vertical Sync (VS) Timing reference point that defines the start of the vertical interval (frame). The absolute
reference point is defined by the active edge of the VS signal. The active edge (either rising or
falling edge as defined by the source) is the reference from which all vertical blanking parameters
are measured.
11.2 Documentation Support
11.2.1 Related Documentation
The following documents contain additional information related to the use of the DLPC900 device.
Table 24. Related Documents
DOCUMENT
DOCUMENT LINK
DLP6500FLQ DMD Data Sheet
DLPS040
DLP6500FYE DMD Data Sheet
DLPS053
DLP9000 DMD Data Sheet
DLPS036
DLPC900 Programmer's Guide
DLPU018
DLP LightCrafter 6500 and 9000 EVM User's Guide
DLPU028
Reference Design Documentation
DLPLCR6500
DLPLCR9000
11.3 Community Resources
The following links connect to TI community resources. Linked contents are provided "AS IS" by the respective
contributors. They do not constitute TI specifications and do not necessarily reflect TI's views; see TI's Terms of
Use.
TI E2E™ Online Community TI's Engineer-to-Engineer (E2E) Community. Created to foster collaboration
among engineers. At e2e.ti.com, you can ask questions, share knowledge, explore ideas and help
solve problems with fellow engineers.
Design Support TI's Design Support Quickly find helpful E2E forums along with design support tools and
contact information for technical support.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl