Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DLPC900 Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
No. de pieza DLPC900
Descripción Electrónicos  DLPC900 Digital Controller for Advanced Light Control
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC900 Datasheet(HTML) 59 Page - Texas Instruments

Back Button DLPC900 Datasheet HTML 55Page - Texas Instruments DLPC900 Datasheet HTML 56Page - Texas Instruments DLPC900 Datasheet HTML 57Page - Texas Instruments DLPC900 Datasheet HTML 58Page - Texas Instruments DLPC900 Datasheet HTML 59Page - Texas Instruments DLPC900 Datasheet HTML 60Page - Texas Instruments DLPC900 Datasheet HTML 61Page - Texas Instruments DLPC900 Datasheet HTML 62Page - Texas Instruments DLPC900 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 83 page
background image
Host
DLPC900
USB
JTAG
LEDs
Digital Receiver
HDMI
DISPLAYPORT
Camera
Crystal
I2C
Parallel
Flash
LED
Status
Power
Management
P1_B[9:0]
P1_A[9:0]
P1A_CLK, P1_DATEN,
P1_VSYNC, P1_HSYNC
P1_C[9:0]
I2C
HDMI
DMD_A,B[15:0]
DMD Control
DMD SSP
LED EN[2:0]
LED PWM[2:0]
FAN
PWM
VCC
PWRGOOD
POSENSE
TRIG_IN[1:0]
TRIG_OUT[1:0]
I2C_SCL0, I2C_SDA0
USB_DN,DP
PM_ADDR[22:0],WE
DATA[15:0],OE,CS
HEARTBEAT
FAULT_STATUS
MOSC
POWER RAILS
12V DC IN
I2C_SCL1
I2C_SDA1
TDO[1:0],TRST,TCK
RMS[1:0],RTCK
DP
RAM
GUI
DLP6500FYE
59
DLPC900
www.ti.com
DLPS037D – OCTOBER 2014 – REVISED MARCH 2019
Product Folder Links: DLPC900
Submit Documentation Feedback
Copyright © 2014–2019, Texas Instruments Incorporated
8.2.2 Typical Single Controller Chipset
A typical embedded system application using the DLPC900 controller and DLP6500 is shown in Figure 34. This
configuration uses one DLPC900 controller to operate with a DLP6500 and supports a 24-bit parallel RGB input,
typical of LCD interfaces, from an external source or processor.
This system supports both still and motion video sources. However, the controller only supports sources with
periodic synchronization pulses. This is ideal for motion video sources, but can also be used for still images by
maintaining periodic syncs and only sending a new frame of data when needed. The still image must be fully
contained within a single video frame and meet the frame timing constraints. The DLPC900 controller refreshes
the displayed image at the source frame rate and repeats the last active frame for intervals in which no new
frame has been received.
This configuration also supports the high speed sequential pattern modes mentioned in the Structured Light
Application. The patterns can be from the video source, from the USB or I2C interface, or pre-stored in external
flash, and have a maximum of 24 bits per pixel. The patterns are pre-loaded into the internal embedded DRAM
and then streamed to the DLP6500 at high speeds.
Figure 34. Typical Application Schematic for DLP6500


Número de pieza similar - DLPC900

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DLPC900 TI1-DLPC900 Datasheet
1Mb / 72P
[Old version datasheet]   Digital Controller for Advanced Light Control
DLPC900ZPC TI1-DLPC900ZPC Datasheet
1Mb / 72P
[Old version datasheet]   Digital Controller for Advanced Light Control
More results

Descripción similar - DLPC900

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DLPC150 TI1-DLPC150 Datasheet
1Mb / 55P
[Old version datasheet]   Digital Controller for Advanced Light Control
DLPC900 TI1-DLPC900 Datasheet
1Mb / 72P
[Old version datasheet]   Digital Controller for Advanced Light Control
DLPC350 TI1-DLPC350_14 Datasheet
2Mb / 62P
[Old version datasheet]   Digital Controller for Portable Advanced Light Control
logo
Omron Electronics LLC
E5CN-H OMRON-E5CN-H Datasheet
1Mb / 13P
   Advanced Digital Temperature Controller
E5AN-H OMRON-E5AN-H Datasheet
1Mb / 16P
   Advanced Digital Temperature Controller
logo
STMicroelectronics
AN4300 STMICROELECTRONICS-AN4300 Datasheet
2Mb / 40P
   Advanced light control and diagnostics using
logo
ams AG
TCS3430 AMSCO-TCS3430 Datasheet
724Kb / 38P
   The device features advanced digital Ambient Light Sensing
logo
Semtech Corporation
SC1544 SEMTECH-SC1544 Datasheet
259Kb / 15P
   ACPI Controller for Advanced Motherboards
logo
Analog Devices
ADP1046AW AD-ADP1046AW Datasheet
1Mb / 88P
   Digital Controller for Isolated
ADP1046 AD-ADP1046 Datasheet
2Mb / 96P
   Digital Controller for Isolated
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com