Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


DLPC900AZPC Datasheet(Hoja de datos) 36 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. DLPC900AZPC
Descripción  DLPC900 Digital Controller for Advanced Light Control
Descarga  83 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

 36 page
background image
DADADDR_(3:0)
DADMODE_(1:0)
DADSEL_(1:0)
DADSTRB
tw(H)
todv-min
todv-max
50%
50%
36
DLPC900
DLPS037D – OCTOBER 2014 – REVISED MARCH 2019
www.ti.com
Product Folder Links: DLPC900
Submit Documentation Feedback
Copyright © 2014–2019, Texas Instruments Incorporated
(1)
DMD control signals are captured on the rising edge of DADSTRB within the DMD.
(2)
The DMD timing mode is controlled by the controller firmware.
6.14 DMD Interface Switching Characteristics
(1)
over recommended operating conditions, CL (min timing) = 5 pF, CL (max timing) = 50 pF (unless otherwise noted)
PARAMETER
FROM
TO
MIN
MAX
UNIT
DMD TIMING MODE 0 (2)
tw(H)
DMD strobe high pulse duration
N/A
DADSTRB
29
ns
tw(L)
DMD strobe low pulse duration
N/A
DADSTRB
29
ns
Todv-min
Output data valid window,
DADADDR_(3:0), DADMODE_(1:0), DADSEL_(1:0)
with respect to DADSTRB
DADADDR_(3:0)
DADMODE_(1:0)
DADSEL_(1:0)
DADSTRB
(1)
–27
ns
Todv-max
Output data valid window,
DADADDR_(3:0), DADMODE_(1:0), DADSEL_(1:0)
with respect to DADSTRB
DADADDR_(3:0)
DADMODE_(1:0)
DADSEL_(1:0)
DADSTRB
(1)
27
ns
DMD TIMING MODE 1 (2)
tw(H)
DMD strobe pulse duration
N/A
DADSTRB
14
ns
tw(L)
DMD strobe low pulse duration
N/A
DADSTRB
14
ns
Todv-min
Output data valid window,
DADADDR_(3:0), DADMODE_(1:0), DADSEL_(1:0)
with respect to DADSTRB
DADADDR_(3:0)
DADMODE_(1:0)
DADSEL_(1:0)
DADSTRB
(1)
–12
ns
Todv-max
Output data valid window,
DADADDR_(3:0), DADMODE_(1:0), DADSEL_(1:0)
with respect to DADSTRB
DADADDR_(3:0)
DADMODE_(1:0)
DADSEL_(1:0)
DADSTRB
(1)
12
ns
Figure 12. DMD Interface Timing




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl