Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


DLPC900AZPC Datasheet(Hoja de datos) 39 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. DLPC900AZPC
Descripción  DLPC900 Digital Controller for Advanced Light Control
Descarga  83 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

 39 page
background image
Port 1
Port 2
Peripherals
GPIO
I2C
USB
PWM
UART
Memory
Controller
DRAM
SSP
DMD
Controller
Pixel
Data
Processing
CPU BUS
MEMORY DMA BUS
Formatter
LED
Triggers
Pattern
Sequencer
ARM
PLL
Reset
JTAG
ICE
Clock
RAM
Flash
Interface
Digital Input
PLLD
PLLM
PLLS
Crystal
POSENSE
PWRGOOD
JTAG
LED
Triggers
DMD Control and
Data Interface
Debug
PWM
USB
I2C
GPIO
Digital Input
GND
VDD33
VDDC
VDD18
DMD
Serial Interface
39
DLPC900
www.ti.com
DLPS037D – OCTOBER 2014 – REVISED MARCH 2019
Product Folder Links: DLPC900
Submit Documentation Feedback
Copyright © 2014–2019, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The DLPC900 controller processes the digital input image and converts the data into the digital format needed by
the DLP9000 or the DLP6500. The DLP9000 and the DLP6500 reflect light by using binary pulse-width-
modulation (PWM) for each micromirror. For further details, refer to the DLP9000 or the DLP6500 data sheets.
The DLPC900 combined with a DLP6500 supports a wide variety of resolutions from SVGA to 1080p. When
accurate pattern display is needed, a native 1080p resolution source is used for a one-to-one association with
the corresponding micromirror on the DLP6500.
The DLPC900 combined with a DLP9000 supports only native WQXGA resolution for a one-to-one association
with the corresponding micromirror on the DLP9000. Both combinations are well-suited for structured light,
additive manufacturing, or digital exposure applications.
7.2 Functional Block Diagram
Figure 15. Functional Block Diagram




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl