Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0808671-0081 Datasheet(PDF) 1 Page - PHOENIX CONTACT

No. de pieza 0808671-0081
Descripción Electrónicos  Zack marker strip - ZBF 5,LGS:FORTL.ZAHLEN 81-90
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHOENIX [PHOENIX CONTACT]
Página de inicio  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0808671-0081 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0808671-0081 Datasheet HTML 1Page - PHOENIX CONTACT 0808671-0081 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/pi/products/0808671:0081
11/20/2019   Page 1 / 2
Zack marker strip - ZBF 5,LGS:FORTL.ZAHLEN 81-90 - 0808671:0081
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Zack marker strip flat, 10-section, horizontally labeled with the consecutive numbers: 81 ... 90, white
Key Commercial Data
Packing unit
10 pc
Minimum order quantity
10 pc
GTIN
GTIN
4017918598921
Technical data
Color
white
Flammability rating according to UL 94
V2
Components
free from silicone and halogen
Ambient conditions
Temperature range
-40 °C ... 100 °C
Standards and Regulations
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Flammability rating according to UL 94
V2


Número de pieza similar - 0808671-0081

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PHOENIX CONTACT
0808671-0071 PHOENIX-0808671-0071 Datasheet
51Kb / 2P
   Zack marker strip - ZBF 5,LGS:FORTL.ZAHLEN 71-80
0808671-0091 PHOENIX-0808671-0091 Datasheet
51Kb / 2P
   Zack marker strip - ZBF 5,LGS:FORTL.ZAHLEN 91-100
More results

Descripción similar - 0808671-0081

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PHOENIX CONTACT
0808749-0081 PHOENIX-0808749-0081 Datasheet
54Kb / 2P
   Zack marker strip - ZBF 6,LGS:FORTL.ZAHLEN 81-90
0810009-0081 PHOENIX-0810009-0081 Datasheet
53Kb / 2P
   Zack marker strip - ZBF10,LGS:FORTL.ZAHLEN 81-90
0808671-0071 PHOENIX-0808671-0071 Datasheet
51Kb / 2P
   Zack marker strip - ZBF 5,LGS:FORTL.ZAHLEN 71-80
0808671-0091 PHOENIX-0808671-0091 Datasheet
51Kb / 2P
   Zack marker strip - ZBF 5,LGS:FORTL.ZAHLEN 91-100
0808671-0161 PHOENIX-0808671-0161 Datasheet
51Kb / 2P
   Zack marker strip - ZBF 5,LGS:FORTL.ZAHLEN 161-170
0808671-0151 PHOENIX-0808671-0151 Datasheet
51Kb / 2P
   Zack marker strip - ZBF 5,LGS:FORTL.ZAHLEN 151-160
0808749-0031 PHOENIX-0808749-0031 Datasheet
54Kb / 2P
   Zack marker strip - ZBF 6,LGS:FORTL.ZAHLEN 31-40
0808749-0021 PHOENIX-0808749-0021 Datasheet
54Kb / 2P
   Zack marker strip - ZBF 6,LGS:FORTL.ZAHLEN 21-30
0808749-0051 PHOENIX-0808749-0051 Datasheet
54Kb / 2P
   Zack marker strip - ZBF 6,LGS:FORTL.ZAHLEN 51-60
0808626-0051 PHOENIX-0808626-0051 Datasheet
50Kb / 2P
   Zack marker strip - ZBF 4,LGS:FORTL.ZAHLEN 51-60
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com