Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0960IOL385-001 Datasheet(PDF) 4 Page - Belden Inc.

No. de pieza 0960IOL385-001
Descripción Electrónicos  LioN-P, IO-Link I/O Hub, 10DI 6DO (8x M12), Class B, Metal, 60 mm
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BELDEN [Belden Inc.]
Página de inicio  https://www.belden.com/
Logo BELDEN - Belden Inc.

0960IOL385-001 Datasheet(HTML) 4 Page - Belden Inc.

  0960IOL385-001 Datasheet HTML 1Page - Belden Inc. 0960IOL385-001 Datasheet HTML 2Page - Belden Inc. 0960IOL385-001 Datasheet HTML 3Page - Belden Inc. 0960IOL385-001 Datasheet HTML 4Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
EN 61000-4-2 Electrostatic Discharge (ESD): Criterion B; 4 kV contact discharge, 8 kV air discharge
EN 61000-4-3 Electromagnetic Field:
Criterion A; Field intensity: 10 V/m
EN 61000-4-4 Fast Transients (Burst):
Criterion B, 2 kV
EN 61000-4-5 Surge Voltage:
Criterion B; DC supply lines: ±0.5 kV/±0.5 kV (symmetrical/asymmetrical); For I/O ports with cables ≤ 30m
EN 61000-4-6 Conducted immunity:
Criterion A; Test voltage 10 V
EN 55022 Radio Interference Properties:
Class A
Safety & Environmental Compliance
CE:
Yes
RoHS Compliant:
Yes
China RoHS-Compliant:
Yes
Approvals
UL:
cULus Listed, UL 61010-1
UL-File:
E230848
CSA:
Yes, via UL
IO-Link:
Yes
Notes
Protection Degree / IP Rating Note:
*only if mounted and locked in combination with Hirschmann / Lumberg Automation connector.
System Power Supply Connection Note:
*do not connect / disconnect under voltage!
Update and Revision:
Revision Number: 0.20 Revision Date: 09-23-2019
© 2019 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.


Número de pieza similar - 0960IOL385-001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Belden Inc.
0960IOL380-021 BELDEN-0960IOL380-021 Datasheet
432Kb / 4P
   LioN-P, IO-Link I/O Hub, 16DIO (8x M12), Class A, Metal, 60 mm
0960IOL381-001 BELDEN-0960IOL381-001 Datasheet
415Kb / 4P
   LioN-P, IO-Link I/O Hub, 16DI (8x M12), Class A, Metal, 60 mm
More results

Descripción similar - 0960IOL385-001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Belden Inc.
0960IOL381-001 BELDEN-0960IOL381-001 Datasheet
415Kb / 4P
   LioN-P, IO-Link I/O Hub, 16DI (8x M12), Class A, Metal, 60 mm
0960IOL380-021 BELDEN-0960IOL380-021 Datasheet
432Kb / 4P
   LioN-P, IO-Link I/O Hub, 16DIO (8x M12), Class A, Metal, 60 mm
0980ESL309-121 BELDEN-0980ESL309-121 Datasheet
482Kb / 4P
   LioN-P, PROFINET IO-Link Master, 4DI 4DO 8IOL (8x M12), M12 L-coded Power Supply, Metal, 60 mm
0980ESL308-121 BELDEN-0980ESL308-121 Datasheet
475Kb / 4P
   LioN-P, PROFINET IO-Link Master, 4DI 4DO 8IOL (8x M12), M12 L-coded Power Supply, Metal, 60 mm
0980ESL398-121 BELDEN-0980ESL398-121 Datasheet
486Kb / 5P
   LioN-P, Multiprotocol IO-Link Master, 4DI 4DO 8IOL (8x M12), M12 L-coded Power Supply, Metal, 60 mm
0980ESL399-121 BELDEN-0980ESL399-121 Datasheet
494Kb / 5P
   LioN-P, Multiprotocol IO-Link Master, 4DI 4DO 8IOL (8x M12), M12 L-coded Power Supply, Metal, 60 mm
0980ESL109-331 BELDEN-0980ESL109-331 Datasheet
421Kb / 4P
   LioN-P, PROFINET IO-Link Master, 4DI 8IOL (8x M12), M12 Y-coded Power Supply, Metal, 30 mm
0980ESL199-331 BELDEN-0980ESL199-331 Datasheet
433Kb / 4P
   LioN-P, Multiprotocol IO-Link Master, 4DI 8IOL (8x M12), M12 Y-coded Power Supply, Metal, 30 mm
0980ESL109-121 BELDEN-0980ESL109-121 Datasheet
458Kb / 4P
   LioN-P, PROFINET IO-Link Master, 4DI 8IOL (8x M12), M12 L-coded Power Supply Metal, 30 mm
0980ESL199-121 BELDEN-0980ESL199-121 Datasheet
462Kb / 5P
   LioN-P, Multiprotocol IO-Link Master, 4DI 8IOL (8x M12), M12 L-coded Power Supply, Metal, 30 mm
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com