Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0980ESL199-122 Datasheet(PDF) 4 Page - Belden Inc.

No. de pieza 0980ESL199-122
Descripción Electrónicos  LioN-P, Multiprotocol IO-Link Master, 4DI 8IOL (8x M8), M12 L-coded Power Supply, Metal, 30 mm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BELDEN [Belden Inc.]
Página de inicio  https://www.belden.com/
Logo BELDEN - Belden Inc.

0980ESL199-122 Datasheet(HTML) 4 Page - Belden Inc.

  0980ESL199-122 Datasheet HTML 1Page - Belden Inc. 0980ESL199-122 Datasheet HTML 2Page - Belden Inc. 0980ESL199-122 Datasheet HTML 3Page - Belden Inc. 0980ESL199-122 Datasheet HTML 4Page - Belden Inc. 0980ESL199-122 Datasheet HTML 5Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Protective Circuit:
Electronicaly: Overload protection, short-circuit protection
Status Indicator:
LED white or yellow per channel
Diagnostic Indicator:
LED red per port
Digital Output Channels
Number of Digital Output Channels:
max. 8, configurable
Connection:
M8, 5-poles, B-coded
Number of Ports:
8x, X1 to X8
Channel Type:
p-switching
Output Wiring:
2-wire
Nominal Voltage:
24 V DC via US (system power supply)
Output Current per Channel:
max. 0.5 A (Pin 4)
Output Current per Module:
max. 9 A
Galvanically Isolated:
No
Protective Circuit:
Electronicaly: Overload protection, short-circuit protection
Overload Behavior:
Auto off and on switching / Manual restart
Status Indicator:
LED white or yellow per channel
Diagnostic Idicator:
LED red per port
Electrical Isolation
US (System Supply Voltage) / FE:
500 V DC
Uaux / FE:
500 V DC
Bus connection / FE:
2000 V DC
EMC Conformance
EMC Directive:
2014/30/EU
EN 61000-4-2 Electrostatic Discharge (ESD):
Criterion B; 4 kV contact discharge, 8 kV air discharge
EN 61000-4-3 Electromagnetic Field:
Criterion A; Field intensity: 10 V/m
EN 61000-4-4 Fast Transients (Burst):
Criterion B, 2 kV
EN 61000-4-5 Surge Voltage:
Criterion B; DC supply lines: ±0.5 kV/±0.5 kV (symmetrical/asymmetrical); For I/O ports with cables ≤ 30m
EN 61000-4-6 Conducted immunity:
Criterion A; Test voltage 10 V
EN 55022 Radio Interference Properties:
Class A
Safety & Environmental Compliance
CE:
Yes
RoHS Compliant:
Yes
China RoHS-Compliant:
Yes
Approvals
UL:
cULus Listed, UL 61010-1
UL-File:
E230848
CSA:
Yes, via UL
PNO:
Yes
ODVA:
Yes
IO-Link:
Yes
Notes
Protection Degree / IP Rating Note:
*only if mounted and locked in combination with Hirschmann / Lumberg Automation connector.
System Power Supply Connection Note:
*do not connect / disconnect under voltage!
Update and Revision:
Revision Number: 0.23 Revision Date: 08-29-2019
© 2019 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.


Número de pieza similar - 0980ESL199-122

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Belden Inc.
0980ESL199-121 BELDEN-0980ESL199-121 Datasheet
462Kb / 5P
   LioN-P, Multiprotocol IO-Link Master, 4DI 8IOL (8x M12), M12 L-coded Power Supply, Metal, 30 mm
More results

Descripción similar - 0980ESL199-122

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Belden Inc.
0980ESL199-121 BELDEN-0980ESL199-121 Datasheet
462Kb / 5P
   LioN-P, Multiprotocol IO-Link Master, 4DI 8IOL (8x M12), M12 L-coded Power Supply, Metal, 30 mm
0980ESL199-332 BELDEN-0980ESL199-332 Datasheet
429Kb / 4P
   LioN-P, Multiprotocol IO-Link Master, 4DI 8IOL (8x M8), M12 Y-coded Power Supply, Metal, 30 mm
0980ESL109-122 BELDEN-0980ESL109-122 Datasheet
439Kb / 4P
   LioN-P, PROFINET IO-Link Master, 4DI 8IOL (8x M8), M12 L-coded Power Supply, Metal, 30 mm
0980ESL199-331 BELDEN-0980ESL199-331 Datasheet
433Kb / 4P
   LioN-P, Multiprotocol IO-Link Master, 4DI 8IOL (8x M12), M12 Y-coded Power Supply, Metal, 30 mm
0980ESL399-121 BELDEN-0980ESL399-121 Datasheet
494Kb / 5P
   LioN-P, Multiprotocol IO-Link Master, 4DI 4DO 8IOL (8x M12), M12 L-coded Power Supply, Metal, 60 mm
0980ESL398-121 BELDEN-0980ESL398-121 Datasheet
486Kb / 5P
   LioN-P, Multiprotocol IO-Link Master, 4DI 4DO 8IOL (8x M12), M12 L-coded Power Supply, Metal, 60 mm
0980ESL109-121 BELDEN-0980ESL109-121 Datasheet
458Kb / 4P
   LioN-P, PROFINET IO-Link Master, 4DI 8IOL (8x M12), M12 L-coded Power Supply Metal, 30 mm
0980ESL109-332 BELDEN-0980ESL109-332 Datasheet
426Kb / 4P
   LioN-P, PROFINET IO-Link Master, 4DI 8IOL (8x M8), M12 Y-coded Power Supply, Metal, 30 mm
0980ESL109-331 BELDEN-0980ESL109-331 Datasheet
421Kb / 4P
   LioN-P, PROFINET IO-Link Master, 4DI 8IOL (8x M12), M12 Y-coded Power Supply, Metal, 30 mm
0980ESL309-121 BELDEN-0980ESL309-121 Datasheet
482Kb / 4P
   LioN-P, PROFINET IO-Link Master, 4DI 4DO 8IOL (8x M12), M12 L-coded Power Supply, Metal, 60 mm
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com