Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0980ESL309-121 Datasheet(PDF) 1 Page - Belden Inc.

No. de pieza 0980ESL309-121
Descripción Electrónicos  LioN-P, PROFINET IO-Link Master, 4DI 4DO 8IOL (8x M12), M12 L-coded Power Supply, Metal, 60 mm
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BELDEN [Belden Inc.]
Página de inicio  https://www.belden.com/
Logo BELDEN - Belden Inc.

0980ESL309-121 Datasheet(HTML) 1 Page - Belden Inc.

  0980ESL309-121 Datasheet HTML 1Page - Belden Inc. 0980ESL309-121 Datasheet HTML 2Page - Belden Inc. 0980ESL309-121 Datasheet HTML 3Page - Belden Inc. 0980ESL309-121 Datasheet HTML 4Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Part Number: 0980 ESL 309-121
LioN-P, PROFINET IO-Link Master, 4DI 4DO 8IOL (8x M12), M12 L-coded
Power Supply, Metal, 60 mm
Product Description
LioN-P, IO-Link Master, PROFINET, industrial metal housing, 60 mm, up to IP69K, 4 digital input and 4 digital output channels (2 A) with galvanic isolation and
8 IO-Link Master, 8 x M12 A-coded I/O connection, 5-poles, 2 x M12 D-coded bus connection, 4-poles, 2 x M12 L-coded power supply connection, 5-poles
Technical Drawing
Technical Specifications
Product Description
Product Family:
I/O Systems: Active - Standalone
Product Sub Family:
LioN-P
Item Description:
0980 ESL 309-121
Part Number:
934878004
Device Type:
IO-Link Master
Protocol:
PROFINET
I/O Function:
4DI 4DO 8IOL
Bus Connection:
M12 LAN, 4-poles, D-coded
Power Connection (System Supply):
M12 Power, 5-poles, L-coded
I/O Connection:
M12, 5-poles, A-coded
I/O Type:
IO-Link Master
General Data
Housing Material:
Metal, Zinc Die-cast
Housing Plating:
Nickel, matt
Housing Color:
Grey Metallic
Protection Degree / IP Rating:
IP65, IP67, IP69K
Potted:
Yes
Dimensions (W x H x D):
60 mm x 31 mm x 200 mm


Número de pieza similar - 0980ESL309-121

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Belden Inc.
0980ESL308-121 BELDEN-0980ESL308-121 Datasheet
475Kb / 4P
   LioN-P, PROFINET IO-Link Master, 4DI 4DO 8IOL (8x M12), M12 L-coded Power Supply, Metal, 60 mm
More results

Descripción similar - 0980ESL309-121

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Belden Inc.
0980ESL308-121 BELDEN-0980ESL308-121 Datasheet
475Kb / 4P
   LioN-P, PROFINET IO-Link Master, 4DI 4DO 8IOL (8x M12), M12 L-coded Power Supply, Metal, 60 mm
0980ESL399-121 BELDEN-0980ESL399-121 Datasheet
494Kb / 5P
   LioN-P, Multiprotocol IO-Link Master, 4DI 4DO 8IOL (8x M12), M12 L-coded Power Supply, Metal, 60 mm
0980ESL398-121 BELDEN-0980ESL398-121 Datasheet
486Kb / 5P
   LioN-P, Multiprotocol IO-Link Master, 4DI 4DO 8IOL (8x M12), M12 L-coded Power Supply, Metal, 60 mm
0980ESL109-121 BELDEN-0980ESL109-121 Datasheet
458Kb / 4P
   LioN-P, PROFINET IO-Link Master, 4DI 8IOL (8x M12), M12 L-coded Power Supply Metal, 30 mm
0980ESL109-331 BELDEN-0980ESL109-331 Datasheet
421Kb / 4P
   LioN-P, PROFINET IO-Link Master, 4DI 8IOL (8x M12), M12 Y-coded Power Supply, Metal, 30 mm
0980ESL109-122 BELDEN-0980ESL109-122 Datasheet
439Kb / 4P
   LioN-P, PROFINET IO-Link Master, 4DI 8IOL (8x M8), M12 L-coded Power Supply, Metal, 30 mm
0980ESL199-121 BELDEN-0980ESL199-121 Datasheet
462Kb / 5P
   LioN-P, Multiprotocol IO-Link Master, 4DI 8IOL (8x M12), M12 L-coded Power Supply, Metal, 30 mm
0980ESL109-332 BELDEN-0980ESL109-332 Datasheet
426Kb / 4P
   LioN-P, PROFINET IO-Link Master, 4DI 8IOL (8x M8), M12 Y-coded Power Supply, Metal, 30 mm
0980ESL199-331 BELDEN-0980ESL199-331 Datasheet
433Kb / 4P
   LioN-P, Multiprotocol IO-Link Master, 4DI 8IOL (8x M12), M12 Y-coded Power Supply, Metal, 30 mm
0980ESL199-122 BELDEN-0980ESL199-122 Datasheet
453Kb / 5P
   LioN-P, Multiprotocol IO-Link Master, 4DI 8IOL (8x M8), M12 L-coded Power Supply, Metal, 30 mm
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com