Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RVAIJ2UBL-B24 Datasheet(PDF) 1 Page - Belden Inc.

No. de pieza RVAIJ2UBL-B24
Descripción Electrónicos  DataTuff Industrial REVConnect RJ45 Jack CAT6A UTP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BELDEN [Belden Inc.]
Página de inicio  https://www.belden.com/
Logo BELDEN - Belden Inc.

RVAIJ2UBL-B24 Datasheet(HTML) 1 Page - Belden Inc.

  RVAIJ2UBL-B24 Datasheet HTML 1Page - Belden Inc. RVAIJ2UBL-B24 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Part Number: Ind REVConn C6A UTP Jacks
DataTuff Industrial REVConnect RJ45 Jack CAT6A UTP
Product Description
Industrial REVConnect IP20 RJ45 Unshielded CAT6A Jack with Universal Core
Technical Specifications
Product Overview
Environmental Space:
Indoor
Suitable Applications:
TIA Category 6A, ISO Class EA, 10GBASE-T
Physical Characteristics (Overall)
Height:
0.94
Width:
0.64
Depth:
1.337
Wiring Scheme:
T568A/B
Packaging:
Individually packaged in a plastic bag.
Weight:
0.016 lbs
Connectors
Materials
Description
Material
Type
Front Connection Copper Clad Flexible PCB, 50uin Gold plated contacts over Nickel RJ45
Rear Connection
Copper alloy, Gold plated contacts over Nickel
Ind REVConnect
Connector Body
PBT glass reinforced UL94V-0
Electrical Characteristics
Dielectric Strength:
1,000V RMS @ 60 Hz for 1 minute (Signals to Ground)
Current Rating:
1.300 A
Insulation Resistance:
500 M-Ohm Minimum
Max Contact Resistance:
20 mOhm
Termination Resistance:
2.5 m-Ohm
Temperature Range
Installation Temp Range:
-40°C To +70°C
Storage Temp Range:
-40°C To +70°C
Operating Temp Range:
-40°C To +70°C
Mechanical Characteristics
Footprint/Type:
KeyConnect
Tool Compatibility:
RVUTT01 Termination Tool
Plug /Jack Compatibility:
RJ45, RJ11
Termination Front Connection:
Mated Connection
Termination Front Connection Durability: 750 cycles
Termination Rear Connection:
Mated Connection


Número de pieza similar - RVAIJ2UBL-B24

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Belden Inc.
RVAIJ2SME-B24 BELDEN-RVAIJ2SME-B24 Datasheet
285Kb / 2P
   DataTuff Industrial REVConnect RJ45 Jack CAT6A STP
RVAIJ2SME-S1 BELDEN-RVAIJ2SME-S1 Datasheet
285Kb / 2P
   DataTuff Industrial REVConnect RJ45 Jack CAT6A STP
More results

Descripción similar - RVAIJ2UBL-B24

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Belden Inc.
RVAIP2UBK-B24 BELDEN-RVAIP2UBK-B24 Datasheet
267Kb / 2P
   DataTuff Industrial REVConnect RJ45 Plug CAT6A UTP
RVAIU2UBK-B24 BELDEN-RVAIU2UBK-B24 Datasheet
273Kb / 2P
   DataTuff Industrial REVConnect Coupler CAT6A UTP
RVAIJ2SME-B24 BELDEN-RVAIJ2SME-B24 Datasheet
285Kb / 2P
   DataTuff Industrial REVConnect RJ45 Jack CAT6A STP
RV6IJ2UBK-B24 BELDEN-RV6IJ2UBK-B24 Datasheet
270Kb / 2P
   DataTuff Industrial REVConnect RJ45 Jack CAT6 UTP
RV5IJ2UBK-B24 BELDEN-RV5IJ2UBK-B24 Datasheet
270Kb / 2P
   DataTuff Industrial REVConnect RJ45 Jack CAT5E UTP
RVAIP2SME-B24 BELDEN-RVAIP2SME-B24 Datasheet
272Kb / 2P
   DataTuff Industrial REVConnect RJ45 Plug CAT6A STP
RV6IJ2SME-B24 BELDEN-RV6IJ2SME-B24 Datasheet
284Kb / 2P
   DataTuff Industrial REVConnect RJ45 Jack CAT6 STP
RVUIO0UEW-B50 BELDEN-RVUIO0UEW-B50 Datasheet
317Kb / 2P
   DataTuff Industrial REVConnect RJ45 Core
RV6MJKUBL-S1 BELDEN-RV6MJKUBL-S1 Datasheet
357Kb / 3P
   REVConnect CAT6 UTP Modular Jack, T568 A/B
0.158
RV6MJKUEW-S1 BELDEN-RV6MJKUEW-S1 Datasheet
117Kb / 3P
   RV5MJKUXX-S1 Modular Connectors - REVConnect Jack CAT5E UTP
10-28-2019
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com