Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RV6IJ2SME-B24 Datasheet(PDF) 2 Page - Belden Inc.

No. de pieza RV6IJ2SME-B24
Descripción Electrónicos  DataTuff Industrial REVConnect RJ45 Jack CAT6 STP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BELDEN [Belden Inc.]
Página de inicio  https://www.belden.com/
Logo BELDEN - Belden Inc.

RV6IJ2SME-B24 Datasheet(HTML) 2 Page - Belden Inc.

  RV6IJ2SME-B24 Datasheet HTML 1Page - Belden Inc. RV6IJ2SME-B24 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Termination Rear Connection Durability:
200 cycles
Cable/Connector Retention:
25 lbs.
Connector/Hardware Retention:
20 lbs
Plug/Connector Retention:
11.250 lbs
Standards
UL Rating:
UL94V-0
Telecommunications Standards:
Category 6 - TIA 568.C.2, Category 6 - ISO/IEC 11801:2002 Ed.2
IEEE Specification:
Power Over Ethernet (PoE) IEEE 802.3at type 1 and 2 (up to 30W), IEEE802.3bt/D1.7 type 3 and 4 (up to 100W), CISCO UPOE (up to 60W), Power over
HDBaseTTM (up to 100W)
Other Specification:
UL 1863, IEC 60603-7, FCC part 68-F
Applicable Environmental and Other Programs
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date
(yyyy-mm-dd):
2006-07-01
MII Order #39 (China RoHS):
EUP 50
Flammability, LS0H, Toxicity Testing
UL Flammability:
UL2043 Air Handling Spaces
Safety Listing:
c(UL)us Listed
Part Number
Related Parts:
Compatible with Shielded KeyConnect Patch Panels 24p and 48p, Compatible with KeyConnect Faceplates, Adapters, Boxes
Variants
Item #
Color
RV6IJ2SME-B24 Metal
RV6IJ2SME-S1
Metal
Product Notes
Notes:
Please see Installation Guide PX106884.
History
Update and Revision:
Revision Number: 0.10 Revision Date: 05-02-2019
© 2019 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.


Número de pieza similar - RV6IJ2SME-B24

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Belden Inc.
RV6IJ2UBK-B24 BELDEN-RV6IJ2UBK-B24 Datasheet
270Kb / 2P
   DataTuff Industrial REVConnect RJ45 Jack CAT6 UTP
RV6IJ2UBK-S1 BELDEN-RV6IJ2UBK-S1 Datasheet
270Kb / 2P
   DataTuff Industrial REVConnect RJ45 Jack CAT6 UTP
RV6IJ2UBL-B24 BELDEN-RV6IJ2UBL-B24 Datasheet
270Kb / 2P
   DataTuff Industrial REVConnect RJ45 Jack CAT6 UTP
RV6IJ2UBL-S1 BELDEN-RV6IJ2UBL-S1 Datasheet
270Kb / 2P
   DataTuff Industrial REVConnect RJ45 Jack CAT6 UTP
RV6IJ2UEW-B24 BELDEN-RV6IJ2UEW-B24 Datasheet
270Kb / 2P
   DataTuff Industrial REVConnect RJ45 Jack CAT6 UTP
More results

Descripción similar - RV6IJ2SME-B24

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Belden Inc.
RVAIJ2SME-B24 BELDEN-RVAIJ2SME-B24 Datasheet
285Kb / 2P
   DataTuff Industrial REVConnect RJ45 Jack CAT6A STP
RV6IJ2UBK-B24 BELDEN-RV6IJ2UBK-B24 Datasheet
270Kb / 2P
   DataTuff Industrial REVConnect RJ45 Jack CAT6 UTP
RVAIP2SME-B24 BELDEN-RVAIP2SME-B24 Datasheet
272Kb / 2P
   DataTuff Industrial REVConnect RJ45 Plug CAT6A STP
RVAIJ2UBK-B24 BELDEN-RVAIJ2UBK-B24 Datasheet
264Kb / 2P
   DataTuff Industrial REVConnect RJ45 Jack CAT6A UTP
RV5IJ2UBK-B24 BELDEN-RV5IJ2UBK-B24 Datasheet
270Kb / 2P
   DataTuff Industrial REVConnect RJ45 Jack CAT5E UTP
RVUIO0UEW-B50 BELDEN-RVUIO0UEW-B50 Datasheet
317Kb / 2P
   DataTuff Industrial REVConnect RJ45 Core
RVAIP2UBK-B24 BELDEN-RVAIP2UBK-B24 Datasheet
267Kb / 2P
   DataTuff Industrial REVConnect RJ45 Plug CAT6A UTP
RVAIU2UBK-B24 BELDEN-RVAIU2UBK-B24 Datasheet
273Kb / 2P
   DataTuff Industrial REVConnect Coupler CAT6A UTP
RV6MJKUBL-S1 BELDEN-RV6MJKUBL-S1 Datasheet
357Kb / 3P
   REVConnect CAT6 UTP Modular Jack, T568 A/B
0.158
RVAFPSME-B24 BELDEN-RVAFPSME-B24 Datasheet
310Kb / 2P
   REVConnect 10GX STP Field Mount Plug, Metal
2006-07-01
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com