Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


HOMT1520CP Datasheet(Hoja de datos) 1 Page - Schneider Electric

No. de Pieza. HOMT1520CP
Descripción  MINIATURE CIRCUIT BREAKER 120/240V 20A
Descarga  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SCHNEIDER [Schneider Electric]
Página de inicio  https://www.se.com/us/en/
Logo 

   
 1 page
background image
Product data sheet
Characteristics
HOMT1520CP
MINIATURE CIRCUIT BREAKER 120/240V 20A
Product availability : Stock - Normally stocked in distribution facility
Price** : 52.00 USD
Main
Product
Miniature circuit-breaker
Range
Homeline
Current Rating
15 A
20 A
Certifications
UL listed
Voltage Rating
120/240 V AC
Mounting Type
Plug-in
Number of Poles
1P
Short Circuit Current Rating
10 kA
Number of Spaces
1
Circuit Breaker Type
Tandem
Ratings
HACR rated
Electrical Connection
Box lugs
Wire Size
AWG 14...AWG 8 aluminium/copper)1
Type of packing
Consumer packaging
Complementary
Height
79.50 mm (3.13 in)
Width
25.40 mm (1 in)
Depth
75.69 mm (2.98 in)
Tightening torque
35.40 lbf.in (4.0 N.m) 0.00…0.01 in² (2.5…6 mm²) AWG 14...AWG 8)
Environment
Ambient air temperature for operation
104 °F (40 °C)
Ordering and shipping details
Category
01322 - HOMELINE TANDEM BLK/CARDED
Nov 22, 2019
1




Html Pages

1  2 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl