Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


QO200TR Datasheet(Hoja de datos) 1 Page - Schneider Electric

No. de Pieza. QO200TR
Descripción  Molded Case Switch, QO, 60 A, 1PH, 240 V, 22 kA, A/C
Descarga  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SCHNEIDER [Schneider Electric]
Página de inicio  https://www.se.com/us/en/
Logo 

   
 1 page
background image
Product data sheet
Characteristics
QO200TR
Molded Case Switch, QO, 60 A, 1PH, 240 V, 22
kA, A/C
Product availability : Stock - Normally stocked in distribution facility
Price** : 161.00 USD
Main
Product
Switch
Weatherproof enclosure
Range
QO
Current Rating
60 A
Voltage Rating
240 V AC
Color
grey
Complementary
Inturrupt Rating
22 kA
Height
6.50 in (165 mm)
Depth
3.90 in (99 mm)
Width
4.65 in (118 mm)
Number of Phases
1 phase
Indoor/Outdoor Use
Enclosed outdoor
For Use With
air conditioner
Environment
Certifications
UL listed
Ambient Rating
104 °F (40 °C)
NEMA Enclosrue Rating
NEMA 3R
Ordering and shipping details
Category
00044 - A/C DISC & PULL-OUTS
Discount Schedule
DE2A
GTIN
00785901535966
Nov 26, 2019
1




Html Pages

1  2  3 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl