Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HMJ316KB7103KF8T Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

No. de pieza HMJ316KB7103KF8T
Descripción Electrónicos  Soft Termination MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Página de inicio  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

HMJ316KB7103KF8T Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  HMJ316KB7103KF8T Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc HMJ316KB7103KF8T Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc HMJ316KB7103KF8T Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.
Soft Termination MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
HMJ316KB7103KF8T
Features
Item Summary
0.01uF±10%, 100V,
X7R, 1206/3216 (EIA/JIS)
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping Embossed 3000pcs
Products characteristics table
Capacitance
0.01 uF ± 10 %
Case Size (EIA/JIS)
1206/3216
Rated Voltage
100 V
tanδ (max)
3.5 %
Temperature Characteristic (EIA)
X7R
Operating Temp. Range (EIA)
-55 to +125 ℃
High Temperature Loading
200 %
(% Rated Voltage)
Insulation Resistance (min)
10 GΩ
RoHS Compliance (10 subst.)
Yes
REACH Compliance (201 subst.)
Yes
Halogen Free
Yes
Soldering
Reflow
External Dimensions
Dimension L
3.2 ±0.20 mm
Dimension W
1.6 ±0.20 mm
Dimension T
1.15 ±0.20 mm
Dimension e
0.60 +0.4/-0.3 mm
2019.11.25
1 / 1


Número de pieza similar - HMJ316KB7103KF8T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiyo Yuden (U.S.A.), I...
HMJ316KB7103KFHT TAIYO-YUDEN-HMJ316KB7103KFHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
More results

Descripción similar - HMJ316KB7103KF8T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiyo Yuden (U.S.A.), I...
GMJ107BB7224KA8T TAIYO-YUDEN-GMJ107BB7224KA8T Datasheet
405Kb / 3P
   Soft Termination MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
GMJ107BB7473KA8T TAIYO-YUDEN-GMJ107BB7473KA8T Datasheet
401Kb / 3P
   Soft Termination MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
GMJ107BB7474MA8T TAIYO-YUDEN-GMJ107BB7474MA8T Datasheet
405Kb / 3P
   Soft Termination MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
QMJ325B7473MN8T TAIYO-YUDEN-QMJ325B7473MN8T Datasheet
403Kb / 3P
   Soft Termination MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
TMJ316BB7474ML8T TAIYO-YUDEN-TMJ316BB7474ML8T Datasheet
403Kb / 3P
   Soft Termination MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
TMJ325AB7475KM8P TAIYO-YUDEN-TMJ325AB7475KM8P Datasheet
404Kb / 3P
   Soft Termination MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
HMJ316BB7104KL8T TAIYO-YUDEN-HMJ316BB7104KL8T Datasheet
402Kb / 3P
   Soft Termination MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
HMJ316BB7105KL8T TAIYO-YUDEN-HMJ316BB7105KL8T Datasheet
403Kb / 3P
   Soft Termination MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
HMJ316BB7224KL8T TAIYO-YUDEN-HMJ316BB7224KL8T Datasheet
403Kb / 3P
   Soft Termination MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
UMJ212CB7105MG8T TAIYO-YUDEN-UMJ212CB7105MG8T Datasheet
405Kb / 3P
   Soft Termination MLCC for Telecommunications Infrastructure and Industrial Equipment / Medical Devices
UMJ316BB7224KL8T TAIYO-YUDEN-UMJ316BB7224KL8T Datasheet
403Kb / 3P
   Soft Termination MLCC for Telecommunications Infrastructure and Industrial Equipment / Medical Devices
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com