Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

QOB220 Datasheet(PDF) 1 Page - Schneider Electric

No. de pieza QOB220
Descripción Electrónicos  QO mini breaker, 20 A, 2 pole, 120/240 V, 10 kA, bolt on
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SCHNEIDER [Schneider Electric]
Página de inicio  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

QOB220 Datasheet(HTML) 1 Page - Schneider Electric

  QOB220 Datasheet HTML 1Page - Schneider Electric QOB220 Datasheet HTML 2Page - Schneider Electric QOB220 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product data sheet
Characteristics
QOB220
QO mini breaker, 20 A, 2 pole, 120/240 V, 10 kA,
bolt on
Product availability : Stock - Normally stocked in distribution facility
Price** : 89.00 USD
Main
Product
Miniature circuit-breaker
Range
QO
Current Rating
20 A
Voltage Rating
120/240 V AC
120 V AC
48 V DC
Mounting Type
Bolt-on
Number of Poles
2P
Circuit Breaker Type
Standard
Ratings
HACR rated
Electrical Connection
Pressure plate
Complementary
Inturrupt Rating
10 kA 120/240 V AC 50/60 Hz
10 kA 120 V AC 50/60 Hz
5 kA 48 V DC
Number of Panel Spaces
2
Wire Size
AWG 14...AWG 8 copper or aluminium
Tightening torque
44.25 lbf.in (5 N.m) 0.02…0.04 in² (10…25 mm²) AWG 8...AWG 2)
Height
76.20 mm (3 in)
Depth
73.91 mm (2.91 in)
Width
38.10 mm (1.5 in)
Environment
Certifications
UL listed
CSA
Ambient Rating
104 °F (40 °C)
Nov 25, 2019
1


Número de pieza similar - QOB220

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
QOB220 ETC2-QOB220 Datasheet
487Kb / 2P
   With Visi-Trip Indicator for NQ Panelboard
logo
Schneider Electric
QOB2201021 SCHNEIDER-QOB2201021 Datasheet
135Kb / 2P
   QO mini breaker, 20 A, 2 pole, 120/240 V, 10 kA, bolt on, shunt trip
QOB2201042 SCHNEIDER-QOB2201042 Datasheet
137Kb / 2P
   Mini CB, QO, 20 A, 2P, 120/240 V, 10 kA, Bolt on, Shunt Trip
QOB2201200 SCHNEIDER-QOB2201200 Datasheet
132Kb / 2P
   Mini CB, QO, 20 A, 2P, 120/240 V, 10 kA, Bolt on, Aux Switch 1A
QOB2201200FT SCHNEIDER-QOB2201200FT Datasheet
139Kb / 2P
   Mini CB, QO, 20 A, 2P, 120/240 V, 10 kA, Bolt on, FT
More results

Descripción similar - QOB220

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Schneider Electric
QOB220CP SCHNEIDER-QOB220CP Datasheet
100Kb / 2P
   QO mini breaker, 20 A, 2 pole, 120/240 V, 10 kA, bolt on, CP
QOB120 SCHNEIDER-QOB120 Datasheet
107Kb / 3P
   QO mini breaker, 20 A, 1 pole, 120/240 V, 10 kA, bolt on
QOB320 SCHNEIDER-QOB320 Datasheet
179Kb / 3P
   QO mini breaker, 20 A, 3 pole, 120/240 V, 10 kA, bolt on
QOB235 SCHNEIDER-QOB235 Datasheet
132Kb / 3P
   QO mini breaker, 35 A, 2 pole, 120/240 V, 10 kA, bolt on
QOB230 SCHNEIDER-QOB230 Datasheet
130Kb / 3P
   QO mini breaker, 30 A, 2 pole, 120/240 V, 10 kA, bolt on
QOB280 SCHNEIDER-QOB280 Datasheet
114Kb / 2P
   QO mini breaker, 80 A, 2 pole, 120/240 V, 10 kA, bolt on
QOB240 SCHNEIDER-QOB240 Datasheet
126Kb / 3P
   QO mini breaker, 40 A, 2 pole, 120/240 V, 10 kA, bolt on
QOB260 SCHNEIDER-QOB260 Datasheet
133Kb / 3P
   QO mini breaker, 60 A, 2 pole, 120/240 V, 10 kA, bolt on
QOB2125 SCHNEIDER-QOB2125 Datasheet
132Kb / 3P
   QO mini breaker, 125 A, 2 pole, 120/240 V, 10 kA, bolt on
QOB245 SCHNEIDER-QOB245 Datasheet
124Kb / 3P
   QO mini breaker, 45 A, 2 pole, 120/240 V, 10 kA, bolt on
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com