Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


HMJ325B7104MN8T Datasheet(Hoja de datos) 1 Page - Taiyo Yuden (U.S.A.), Inc

No. de Pieza. HMJ325B7104MN8T
Descripción  Soft Termination MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
Descarga  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Página de inicio  http://www.t-yuden.com/
Logo 

   
 1 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.
Soft Termination MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
HMJ325B7104MN8T
Features
Item Summary
0.1uF±20%, 100V,
X7R, 1210/3225 (EIA/JIS)
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping Embossed 2000pcs
Products characteristics table
Capacitance
0.1 uF ± 20 %
Case Size (EIA/JIS)
1210/3225
Rated Voltage
100 V
tanδ (max)
3.5 %
Temperature Characteristic (EIA)
X7R
Operating Temp. Range (EIA)
-55 to +125 ℃
High Temperature Loading
200 %
(% Rated Voltage)
Insulation Resistance (min)
100 MΩ·μF
RoHS Compliance (10 subst.)
Yes
REACH Compliance (201 subst.)
Yes
Halogen Free
Yes
Soldering
Reflow
External Dimensions
Dimension L
3.2 ±0.30 mm
Dimension W
2.5 ±0.20 mm
Dimension T
1.9 ±0.20 mm
Dimension e
0.60 +0.4/-0.3 mm
2019.11.25
1 / 1




Html Pages

1  2  3 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl