Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HMK105B7221KVHFE Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

No. de pieza HMK105B7221KVHFE
Descripción Electrónicos  Medium-High Voltage MLCC for Automotive (BODY & CHASSIS, INFOTAINMENT) Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Página de inicio  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

HMK105B7221KVHFE Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  HMK105B7221KVHFE Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc HMK105B7221KVHFE Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc HMK105B7221KVHFE Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Multi Layer Ceramic Capacitor -Electrical Characteristics Data-
19U1A08
RoHS compliance product
○HMK105B7221KVHFE
100V 1005 X7R 220pF +/- 10% t=0.55mmMAX
100V 0402 X7R 220pF +/- 10% t=0.022inchMAX
部品特性は設置環境、測定条件等により変化する場合があります。本データをご使用される際は実際の製品特性に対する参考
データとしてご活用ください。また、本データは予告無く追加・削除及び変更を行う場合があります。ご注文の際は、納入仕様書の
ご確認をお願いします。
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.
10
100
1000
10000
100000
0.1
1
10
100
1000
10000
Frequency[MHz]
HMK105B7221KVHFE
Capacitance Freq.
-50
-40
-30
-20
-10
0
10
0
20
40
60
80
100
DC Bias Voltage[V]
HMK105B7221KVHFE
DC Bias Char.
0.01
0.1
1
10
100
1000
10000
100000
0.1
1
10
100
1000
10000
Frequency[MHz]
HMK105B7221KVHFE
Impedance,ESR Freq.
ESR
Z
-30
-20
-10
0
10
-55 -35 -15
5
25
45
65
85 105 125
Temperature[degreeC]
HMK105B7221KVHFE
Capacitance Temp.


Número de pieza similar - HMK105B7221KVHFE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiyo Yuden (U.S.A.), I...
HMK105B7221KV-F TAIYO-YUDEN-HMK105B7221KV-F Datasheet
316Kb / 2P
   Medium-High Voltage Multilayer Ceramic Capacitors
HMK105B7221KV8FE TAIYO-YUDEN-HMK105B7221KV8FE Datasheet
402Kb / 3P
   Medium-High Voltage MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
More results

Descripción similar - HMK105B7221KVHFE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiyo Yuden (U.S.A.), I...
HMK105B7222MVHFE TAIYO-YUDEN-HMK105B7222MVHFE Datasheet
416Kb / 3P
   Medium-High Voltage MLCC for Automotive (BODY & CHASSIS, INFOTAINMENT) Applications
HMK105B7472MVHFE TAIYO-YUDEN-HMK105B7472MVHFE Datasheet
416Kb / 3P
   Medium-High Voltage MLCC for Automotive (BODY & CHASSIS, INFOTAINMENT) Applications
HMK105B7221MVHFE TAIYO-YUDEN-HMK105B7221MVHFE Datasheet
417Kb / 3P
   Medium-High Voltage MLCC for Automotive (BODY & CHASSIS, INFOTAINMENT) Applications
HMK107AC7154KAHTE TAIYO-YUDEN-HMK107AC7154KAHTE Datasheet
418Kb / 3P
   Medium-High Voltage MLCC for Automotive (BODY & CHASSIS, INFOTAINMENT) Applications
HMK212BC7334KGHTE TAIYO-YUDEN-HMK212BC7334KGHTE Datasheet
418Kb / 3P
   Medium-High Voltage MLCC for Automotive (BODY & CHASSIS, INFOTAINMENT) Applications
HMK105B7102KVHFE TAIYO-YUDEN-HMK105B7102KVHFE Datasheet
417Kb / 3P
   Medium-High Voltage MLCC for Automotive (BODY & CHASSIS, INFOTAINMENT) Applications
HMK105B7102MVHFE TAIYO-YUDEN-HMK105B7102MVHFE Datasheet
417Kb / 3P
   Medium-High Voltage MLCC for Automotive (BODY & CHASSIS, INFOTAINMENT) Applications
HMK105B7152KVHFE TAIYO-YUDEN-HMK105B7152KVHFE Datasheet
417Kb / 3P
   Medium-High Voltage MLCC for Automotive (BODY & CHASSIS, INFOTAINMENT) Applications
HMK105B7222KVHFE TAIYO-YUDEN-HMK105B7222KVHFE Datasheet
416Kb / 3P
   Medium-High Voltage MLCC for Automotive (BODY & CHASSIS, INFOTAINMENT) Applications
HMK105B7331KVHFE TAIYO-YUDEN-HMK105B7331KVHFE Datasheet
417Kb / 3P
   Medium-High Voltage MLCC for Automotive (BODY & CHASSIS, INFOTAINMENT) Applications
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com