Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HMK105B7331KV8FE Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

No. de pieza HMK105B7331KV8FE
Descripción Electrónicos  Medium-High Voltage MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Página de inicio  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

HMK105B7331KV8FE Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  HMK105B7331KV8FE Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc HMK105B7331KV8FE Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc HMK105B7331KV8FE Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.
Medium-High Voltage MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
HMK105B7331KV8FE
Features
Item Summary
330pF±10%, 100V,
X7R, 0402/1005 (EIA/JIS)
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping paper 10000pcs
Products characteristics table
Capacitance
330 pF ± 10 %
Case Size (EIA/JIS)
0402/1005
Rated Voltage
100 V
tanδ (max)
3.5 %
Temperature Characteristic (EIA)
X7R
Operating Temp. Range (EIA)
-55 to +125 ℃
High Temperature Loading
200 %
(% Rated Voltage)
Insulation Resistance (min)
10 GΩ
RoHS Compliance (10 subst.)
Yes
REACH Compliance (201 subst.)
Yes
Soldering
Reflow
External Dimensions
Dimension L
1.0 ±0.05 mm
Dimension W
0.5 ±0.05 mm
Dimension T
0.5 ±0.05 mm
Dimension e
0.25 ±0.10 mm
2019.11.25
1 / 1


Número de pieza similar - HMK105B7331KV8FE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiyo Yuden (U.S.A.), I...
HMK105B7331KV-F TAIYO-YUDEN-HMK105B7331KV-F Datasheet
316Kb / 2P
   Standard packaging quantity
HMK105B7331KVHFE TAIYO-YUDEN-HMK105B7331KVHFE Datasheet
417Kb / 3P
   Medium-High Voltage MLCC for Automotive (BODY & CHASSIS, INFOTAINMENT) Applications
More results

Descripción similar - HMK105B7331KV8FE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiyo Yuden (U.S.A.), I...
QMK212B7222KD8T TAIYO-YUDEN-QMK212B7222KD8T Datasheet
401Kb / 3P
   Medium-High Voltage MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
QMK212B7682KG8T TAIYO-YUDEN-QMK212B7682KG8T Datasheet
400Kb / 3P
   Medium-High Voltage MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
SMK316B7682KF8T TAIYO-YUDEN-SMK316B7682KF8T Datasheet
400Kb / 3P
   Medium-High Voltage MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
SMK325B7333KN8T TAIYO-YUDEN-SMK325B7333KN8T Datasheet
403Kb / 3P
   Medium-High Voltage MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
SMK325B7473KN8T TAIYO-YUDEN-SMK325B7473KN8T Datasheet
403Kb / 3P
   Medium-High Voltage MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
SMK432B7473KM8T TAIYO-YUDEN-SMK432B7473KM8T Datasheet
404Kb / 3P
   Medium-High Voltage MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
HMK212CC7684MG8TE TAIYO-YUDEN-HMK212CC7684MG8TE Datasheet
417Kb / 3P
   Medium-High Voltage MLCC for Telecommunications Infrastructure and Industrial Equipment / Medical Devices
HMK212B7224MG8T TAIYO-YUDEN-HMK212B7224MG8T Datasheet
403Kb / 3P
   Medium-High Voltage MLCC for Telecommunications Infrastructure and Industrial Equipment / Medical Devices
HMK212B7473KG8T TAIYO-YUDEN-HMK212B7473KG8T Datasheet
403Kb / 3P
   Medium-High Voltage MLCC for Telecommunications Infrastructure and Industrial Equipment / Medical Devices
HMK316AC7225KL8TE TAIYO-YUDEN-HMK316AC7225KL8TE Datasheet
403Kb / 3P
   Medium-High Voltage MLCC for Telecommunications Infrastructure and Industrial Equipment / Medical Devices
HMK107B7103KA8T TAIYO-YUDEN-HMK107B7103KA8T Datasheet
402Kb / 3P
   Medium-High Voltage MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com