Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GRM1885C2A4R8BA01J Datasheet(PDF) 27 Page - Murata Manufacturing Co., Ltd

No. de pieza GRM1885C2A4R8BA01J
Descripción Electrónicos  hip Multilayer Ceramic Capacitors for General Purpose
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MURATA1 [Murata Manufacturing Co., Ltd]
Página de inicio  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

GRM1885C2A4R8BA01J Datasheet(HTML) 27 Page - Murata Manufacturing Co., Ltd

Back Button GRM1885C2A4R8BA01J Datasheet HTML 22Page - Murata Manufacturing Co., Ltd GRM1885C2A4R8BA01J Datasheet HTML 23Page - Murata Manufacturing Co., Ltd GRM1885C2A4R8BA01J Datasheet HTML 24Page - Murata Manufacturing Co., Ltd GRM1885C2A4R8BA01J Datasheet HTML 25Page - Murata Manufacturing Co., Ltd GRM1885C2A4R8BA01J Datasheet HTML 26Page - Murata Manufacturing Co., Ltd GRM1885C2A4R8BA01J Datasheet HTML 27Page - Murata Manufacturing Co., Ltd GRM1885C2A4R8BA01J Datasheet HTML 28Page - Murata Manufacturing Co., Ltd GRM1885C2A4R8BA01J Datasheet HTML 29Page - Murata Manufacturing Co., Ltd GRM1885C2A4R8BA01J Datasheet HTML 30Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
2.Item to be confirmed for Flow sordering
  If you want to temporarily attach the capacitor to the board using an adhesive agent before soldering the capacitor, first be sure that the conditions are appropriate for affixing the capacitor.
  If the dimensions of the land, the type of adhesive,the amount of coating, the contact surface area, the curing temperature, or other conditions are inappropriate, the characteristics of the capacitor may deteriorate.
1. Selection of Adhesive
1-1. Depending on the type of adhesive, there may be a decrease in insulation resistance. In addition, there is a chance that the capacitor might crack from contractile stress due to the difference
in the contraction rate of the capacitor and the adhesive.
1-2. If there is not enough adhesive, the contact surface area is too small, or the curing temperature or curing time are inadequate, the adhesive strength will be insufficient and the capacitor may loosen
or become disconnected during transportation or soldering.
If there is too much adhesive, for example if it overflows onto the land, the result could be soldering defects, loss of electrical connection, insufficient curing, or slippage after the capacitor is mounted.
Furthermore, if the curing temperature is too high or the curing time is too long, not only will the adhesive strength be reduced, but solderability may also suffer due to the effects of oxidation on
the terminations (outer electrodes) of the capacitor and the land surface on the board.
(1) Selection of Adhesive
 Epoxy resins are a typical class of adhesive. To select the proper adhesive, consider the following points.
 1) There must be enough adhesive strength to prevent the component from loosening or slipping during the mounting process.
 2) The adhesive strength must not decrease when exposed to moisture during soldering.
 
3) The adhesive must have good coatability and shape retention properties.
  4) The adhesive must have a long pot life.
 5) The curing time must be short.
  6) The adhesive must not be corrosive to the exterior of the capacitor or the board.
  7) The adhesive must have good insulation properties.
 
8) The adhesive must not emit toxic gases or otherwise be harmful to health.
  9) The adhesive must be free of halogenated compounds.
(2) Use the following illustration as a guide to the amount of adhesive to apply.
   Chip Dimension (L/W) Code:18/21/31
2.Flux
2-1. An excessive amount of flux generates a large quantity of flux gas, which can cause a deterioration of solderability,
  so apply flux thinly and evenly throughout. (A foaming system is generally used for flow solderring.)
2-2. Flux containing too high a percentage of halide may cause corrosion of the terminations unless there is sufficient cleaning. Use flux with a halide content of 0.1% max.
2-3. Strong acidic flux can corrode the capacitor and degrade its performance.
Please check the quality of capacitor after mounting.
3.Leaching of the terminations
Set temperature and time to ensure that leaching of the
terminations does not exceed 25% of the chip end
area as a single chip (full length of the edge A-B-C-D
shown at right) and 25% of the length A-B shown as
mounted on substrate.
Land
Resist
Adhesive
Cross Sectional View
Resist
Side View
A
B
D
C
Termination
[As a Single Chip]
[As Mounted on Substrate]
A
B
GRM1885C2A4R8BA01-01A


Número de pieza similar - GRM1885C2A4R8BA01J

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Murata Manufacturing Co...
GRM1885C2A4R8CA01 MURATA1-GRM1885C2A4R8CA01 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1885C2A4R8CA01D MURATA1-GRM1885C2A4R8CA01D Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1885C2A4R8CA01J MURATA1-GRM1885C2A4R8CA01J Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1885C2A4R8WA01 MURATA1-GRM1885C2A4R8WA01 Datasheet
783Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1885C2A4R8WA01D MURATA1-GRM1885C2A4R8WA01D Datasheet
783Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results

Descripción similar - GRM1885C2A4R8BA01J

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Murata Manufacturing Co...
GRM0222C1H9R4DA03 MURATA-GRM0222C1H9R4DA03 Datasheet
781Kb / 30P
   hip Multilayer Ceramic Capacitors for General Purpose
GRM022R71C271KE14 MURATA-GRM022R71C271KE14 Datasheet
777Kb / 30P
   hip Multilayer Ceramic Capacitors for General Purpose
GRM3195C2A472JA01 MURATA-GRM3195C2A472JA01 Datasheet
783Kb / 30P
   hip Multilayer Ceramic Capacitors for General Purpose
GRM0225C1H4R0WA03 MURATA-GRM0225C1H4R0WA03 Datasheet
782Kb / 30P
   hip Multilayer Ceramic Capacitors for General Purpose
GRM0335C2A8R1BA01 MURATA-GRM0335C2A8R1BA01 Datasheet
788Kb / 30P
   hip Multilayer Ceramic Capacitors for General Purpose
GRM033R10J222JA01 MURATA-GRM033R10J222JA01 Datasheet
783Kb / 30P
   hip Multilayer Ceramic Capacitors for General Purpose
logo
Murata Manufacturing Co...
GRM155R71H153KA12 MURATA1-GRM155R71H153KA12 Datasheet
783Kb / 30P
   hip Multilayer Ceramic Capacitors for General Purpose
logo
Murata Manufacturing Co...
GRM0335C1H7R1DA01 MURATA-GRM0335C1H7R1DA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM0335C2AR60BA01 MURATA-GRM0335C2AR60BA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1857U1H332JA44 MURATA-GRM1857U1H332JA44 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com