Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

185M-185F Datasheet(PDF) 2 Page - Mini-Circuits

No. de pieza 185M-185F
Descripción Electrónicos  Adapter 1.85 mm-M to 1.85 mm-F
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MINI [Mini-Circuits]
Página de inicio  http://www.minicircuits.com
Logo MINI - Mini-Circuits

185M-185F Datasheet(HTML) 2 Page - Mini-Circuits

  185M-185F Datasheet HTML 1Page - Mini-Circuits 185M-185F Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Typical Performance Data
Maximum Ratings
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
185M-185F+
50Ω
DC to 67 GHz
Adapter 1.85mm-M to1.85mm-F
REV. 1
NPO-000030
185M-185F+
GY/RS/CP
190916
Coaxial
Features
• flat response
• excellent VSWR, 1.04:1 typ.
• low cost adapters, available from stock
• stainless steel body, passivated
Applications
• interconnection of RF cable and equipment
Outline Dimensions
CASE STYLE: DJ2591-2
Frequency
(MHz)
Insertion Loss
(dB)
VSWR
(:1)
1.85 mm-M
1.85 mm-F
0.00
0.20
0.40
0.60
0.80
1.00
0
14000
28000
42000
56000
70000
FREQUENCY (MHz)
185M-185F+
INSERTION LOSS
1.00
1.05
1.10
1.15
1.20
1.25
0
14000
28000
42000
56000
70000
FREQUENCY (MHz)
185M-185F+
VSWR
1.85mm-Male
1.85mm-Female
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Electrical Specifications at 25°C
Parameter
Condition (GHz)
Min.
Typ.
Max.
Units
Frequency Range
DC
67
GHz
Insertion Loss
0.01-10
0.14
0.3
dB
10-20
0.21
0.4
20-40
0.29
0.5
40-50
0.37
0.6
50-67
0.45
0.7
VSWR
0.01-10
1.02
1.25
:1
10-20
1.03
1.25
20-40
1.04
1.25
40-50
1.05
1.25
50-67
1.06
1.25
10
0.01
1.00
1.00
500
0.06
1.02
1.02
2000
0.10
1.02
1.02
5000
0.14
1.01
1.01
10000
0.19
1.01
1.03
15000
0.21
1.04
1.04
20000
0.22
1.02
1.01
25000
0.24
1.05
1.05
30000
0.26
1.04
1.03
36000
0.29
1.01
1.03
40000
0.32
1.05
1.05
50000
0.39
1.03
1.03
55000
0.43
1.07
1.08
60000
0.45
1.07
1.08
67000
0.52
1.15
1.14
Permanent damage may occur if any of these limits are exceeded.
Connectors
Model
1.85mm-M to 1.85mm-F
185M-185F+
Weight: 50 grams
Dimensions are in inches [mm]


Número de pieza similar - 185M-185F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mini-Circuits
185M-185M MINI-185M-185M Datasheet
229Kb / 2P
   Adapter 1.85 mm-M to 1.85 mm-M
185M-185M++ MINI-185M-185M+ Datasheet
229Kb / 2P
   Adapter 1.85 mm-M to 1.85 mm-M
More results

Descripción similar - 185M-185F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mini-Circuits
185F-185F MINI-185F-185F Datasheet
212Kb / 2P
   Adapter 1.85 mm-F to 1.85 mm-F
185M-185M MINI-185M-185M Datasheet
229Kb / 2P
   Adapter 1.85 mm-M to 1.85 mm-M
185F-24M MINI-185F-24M Datasheet
178Kb / 2P
   Adapter 1.85 mm-F to 2.4 mm-M
185M-KF MINI-185M-KF Datasheet
202Kb / 2P
   Adapter 1.85 mm-M to 2.92 mm-F
185F-KM MINI-185F-KM Datasheet
211Kb / 2P
   Adapter 1.85 mm-F to 2.92 mm-M
185M-24F MINI-185M-24F Datasheet
204Kb / 2P
   Adapter 1.85 mm-M to 2.4 mm-F
185F-24F MINI-185F-24F Datasheet
218Kb / 2P
   Adapter 1.85 mm-F to 2.4 mm-F
185F-KF MINI-185F-KF Datasheet
193Kb / 2P
   Adapter 1.85 mm-F to 2.92 mm-F
185M-KM MINI-185M-KM Datasheet
211Kb / 2P
   Adapter 1.85 mm-M to 2.92 mm-M
185M-24M MINI-185M-24M Datasheet
222Kb / 2P
   Adapter 1.85 mm-M to 2.4 mm-M
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com