Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RC-1SP6T-26 Datasheet(PDF) 6 Page - Mini-Circuits

No. de pieza RC-1SP6T-26
Descripción Electrónicos  RF SP6T Switch Matrix
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MINI [Mini-Circuits]
Página de inicio  http://www.minicircuits.com
Logo MINI - Mini-Circuits

RC-1SP6T-26 Datasheet(HTML) 6 Page - Mini-Circuits

  RC-1SP6T-26 Datasheet HTML 1Page - Mini-Circuits RC-1SP6T-26 Datasheet HTML 2Page - Mini-Circuits RC-1SP6T-26 Datasheet HTML 3Page - Mini-Circuits RC-1SP6T-26 Datasheet HTML 4Page - Mini-Circuits RC-1SP6T-26 Datasheet HTML 5Page - Mini-Circuits RC-1SP6T-26 Datasheet HTML 6Page - Mini-Circuits RC-1SP6T-26 Datasheet HTML 7Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Page 6 of 7
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
RC-1SP6T-26
RF SP6T Switch Matrix
• Power handling is specified with RF applied to the COM port and output load connected to either 1,2,3,4,5 or 6 of the respective switch.
• When connecting a coaxial semi flex cable, tighten connectors alternately using an 8in/lb torque wrench to insure proper contact at each end.
Main Software Control Screen: Independent control of one SP6T


Número de pieza similar - RC-1SP6T-26

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mini-Circuits
RC-1SP6T-40 MINI-RC-1SP6T-40 Datasheet
564Kb / 7P
   RF SP6T Switch Matrix
RC-1SP6T-A12 MINI-RC-1SP6T-A12 Datasheet
930Kb / 6P
   USB/Ethernet RF Switch Matrix
More results

Descripción similar - RC-1SP6T-26

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mini-Circuits
RC-1SP6T-40 MINI-RC-1SP6T-40 Datasheet
564Kb / 7P
   RF SP6T Switch Matrix
JSW6-23DR-75 MINI-JSW6-23DR-75 Datasheet
420Kb / 7P
   SP6T RF Switch
JSW6-33DR MINI-JSW6-33DR Datasheet
405Kb / 7P
   SP6T RF Switch
logo
Honeywell Solid State E...
HRF-SW1031 HONEYWELL-HRF-SW1031 Datasheet
95Kb / 6P
   SP6T Absorptive RF Switch
logo
Peregrine Semiconductor
PE42462 PSEMI-PE42462 Datasheet
786Kb / 20P
   SP6T RF Switch, 10 MHz?? GHz
PE42562 PSEMI-PE42562 Datasheet
796Kb / 20P
   SP6T RF Switch, 9 kHz?? GHz
PE426462 PSEMI-PE426462 Datasheet
786Kb / 20P
   SP6T RF Switch, 10 MHz?? GHz
logo
Pasternack Enterprises,...
PE71S6189 PASTERNACK-PE71S6189 Datasheet
458Kb / 4P
   SP6T Switch
PE71S6186 PASTERNACK-PE71S6186 Datasheet
424Kb / 4P
   SP6T Switch
logo
Mini-Circuits
MSP6T-12-12D MINI-MSP6T-12-12D Datasheet
377Kb / 3P
   SP6T Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com