Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TERM-25W-183N Datasheet(PDF) 2 Page - Mini-Circuits

No. de pieza TERM-25W-183N
Descripción Electrónicos  Termination
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MINI [Mini-Circuits]
Página de inicio  http://www.minicircuits.com
Logo MINI - Mini-Circuits

TERM-25W-183N Datasheet(HTML) 2 Page - Mini-Circuits

  TERM-25W-183N Datasheet HTML 1Page - Mini-Circuits TERM-25W-183N Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 2 of 2
Typical Performance Data
Maximum Ratings
Termination N-Male
REV. OR
M173239
TERM-25W-183N+
WIL/CP/AM
190313
CASE STYLE: LL2798
Connector
Model
N-type Male
TERM-25W-183N+
Frequency
(MHz)
Return Loss
(dB)
TERM-25W-183N+
50Ω
25W
DC to 18 GHz
Permanent damage may occur if any of these limits are exceeded.
Electrical Specifications at 25°C
Parameter
Condition (GHz)
Min.
Typ.
Max.
Unit
Frequency Range
DC
18
GHz
Impedance
50
Ohms
Return Loss
DC - 6
20.8
32
dB
6 - 12.4
17.7
30
12.4 - 18
15.5
29
Input Power1
DC - 18
25
W
20
30
40
50
60
0
3600
7200
10800
14400
18000
FREQUENCY (MHz)
TERM-25W-183N+
RETURN LOSS
1. At 25°C, derate linearly to 10W at 100°C.
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
Features
• Cellular communications
• Satellite communications
• Test set-up
• Defense and Radar
• Wideband coverage, DC to 18 GHz
• Return loss, 22 dB typ. up to 18 GHz
• Male N-type connector
Applications
10
56.30
600
36.90
1000
33.30
2000
35.70
3000
33.90
4000
25.20
5000
24.70
6000
30.80
8000
29.50
10000
29.10
12000
35.60
12400
30.90
14000
23.40
16000
35.90
18000
22.10
High Power
Weight: 500 grams (max.)
Outline Dimensions
inches (mm)


Número de pieza similar - TERM-25W-183N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mini-Circuits
TERM-25W-183S MINI-TERM-25W-183S Datasheet
251Kb / 2P
   Termination
TERM-25W-183S++ MINI-TERM-25W-183S+ Datasheet
251Kb / 2P
   Termination
More results

Descripción similar - TERM-25W-183N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
JFW Industries, Inc.
50T-378 JFW-50T-378 Datasheet
25Kb / 1P
   TERMINATION
50T-014 JFW-50T-014 Datasheet
24Kb / 1P
   TERMINATION
50T-300 JFW-50T-300 Datasheet
25Kb / 1P
   TERMINATION
50T-317 JFW-50T-317 Datasheet
26Kb / 1P
   TERMINATION
logo
Rosenberger Hochfrequen...
64K17R-001S3 ROSENBERGER-64K17R-001S3 Datasheet
531Kb / 2P
   Termination
18K15R-0-5E3 ROSENBERGER-18K15R-0-5E3 Datasheet
512Kb / 2P
   Termination
logo
Mini-Circuits
ANNE-50E MINI-ANNE-50E Datasheet
178Kb / 2P
   Termination
ANNE-50V MINI-ANNE-50V Datasheet
196Kb / 2P
   Termination
logo
JFW Industries, Inc.
50T-549 JFW-50T-549 Datasheet
26Kb / 1P
   TERMINATION
50T-552 JFW-50T-552 Datasheet
25Kb / 1P
   TERMINATION
50T-001 JFW-50T-001_11 Datasheet
65Kb / 1P
   TERMINATION
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com